Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R03DIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT75R03DIV
Description  EXAR DATA SHEET FORMAT TEMPLATES
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 5Page - Exar Corporation XRT75R03DIV Datasheet HTML 6Page - Exar Corporation XRT75R03DIV Datasheet HTML 7Page - Exar Corporation XRT75R03DIV Datasheet HTML 8Page - Exar Corporation XRT75R03DIV Datasheet HTML 9Page - Exar Corporation XRT75R03DIV Datasheet HTML 10Page - Exar Corporation XRT75R03DIV Datasheet HTML 11Page - Exar Corporation XRT75R03DIV Datasheet HTML 12Page - Exar Corporation XRT75R03DIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 135 page
background image
XRT75R03D
5
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE
34
3
25
TPDATA_0/TxDATA_0
TPDATA_1/TxDATA_1
TPDATA_2/TxDATA_2
I
Transmit Positive Data Input - Channel 0:
Transmit Positive Data Input - Channel 1:
Transmit Positive Data Input - Channel 2:
Transmit Positive Data/Data Input - Channel n:
The function of these input pins depends upon whether the corresponding
channel has been configured to operate in the Single-Rail or Dual-Rail
Mode.
Single Rail Mode - Transmit Data Input - Channel n:
If the Channel has been configured to operate in the Single-Rail Mode,
then all transmit output data will be serially applied to this input pin. This
signal will latched into the Transmit Section circuitry upon either the rising
or falling edge of the TxCLK_n signal, depending upon user configuration.
In the Single-Rail Mode, the Transmit Section of the LIU IC will then encode
this data into either the B3ZS line code (for DS3 and STS-1 applications) or
the HDB3 line code (for E3 applications).
Dual Rail Mode - Transmit Positive Data Input - Channel n:
If the Channel has been configured to operate in the Dual-Rail Mode, then
the user should apply a pulse to this input pin, anytime the Transmit Sec-
tion of the LIU IC is suppose to generate and transmit a positive-polarity
pulse onto the line. This signal will be latched into the Transmit Section cir-
cuitry upon either the rising or falling edge of the TxCLK_n signal, depend-
ing upon user configuration.
In the Dual-Rail Mode, the Transmit Section of the LIU IC will NOT encode
this data into either the B3ZS or HDB3 line codes. If the user configures
the LIU IC to operate in the Dual-Rail Mode, then B3ZS/HDB3 encoding
must have already been done prior to providing the transmit output data to
this input pin.
33
2
24
TNData_0
TNData_1
TNData_2
I
Transmit Negative Data Input - Channel 0:
Transmit Negative Data Input - Channel 1:
Transmit Negative Data Input - Channel 2:
If a Channel has been configured to operate in the Dual-Rail Mode, then
the user should apply a pulse to this input pin anytime the Transmit Section
of the LIU IC is suppose to generate and transmit a negative-polarity pulse
onto the line. This signal will be latched into the Transmit Section circuitry
upon either the rising or falling edge of the TxCLK_n signal, depending
upon user configuration.
NOTE: If the Channel has been configured operate in the Single-Rail Mode,
then this input pin has no function, and should be tied to GND.
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #
SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R03DIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results

Similar Description - XRT75R03DIV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com