Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12D Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT75R12D
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12D Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT75R12D_06 Datasheet HTML 6Page - Exar Corporation XRT75R12D_06 Datasheet HTML 7Page - Exar Corporation XRT75R12D_06 Datasheet HTML 8Page - Exar Corporation XRT75R12D_06 Datasheet HTML 9Page - Exar Corporation XRT75R12D_06 Datasheet HTML 10Page - Exar Corporation XRT75R12D_06 Datasheet HTML 11Page - Exar Corporation XRT75R12D_06 Datasheet HTML 12Page - Exar Corporation XRT75R12D_06 Datasheet HTML 13Page - Exar Corporation XRT75R12D_06 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
XRT75R12D
5
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.1
C23
AD23
D19
AC19
D15
AC15
E11
AB11
E8
AB8
C4
AD4
MTip0
MTip1
MTip2
MTip3
MTip4
MTip5
MTip6
MTip7
MTip8
MTip9
MTip10
MTip11
I
Monitor Tip Input - Positive Polarity Signal
These input pins along with MRing_n function as the Transmit Drive Moni-
tor Output (DMO) input monitoring pins. (1) To monitor the Transmit Out-
put line signal and (2) to perform this monitoring externally, then this pin
MUST be connected to the corresponding TTIP_n output pin via a 270W
series resistor. Similarly, the MRING_n input pin MUST also be connected
to its corresponding TRING_n output pin via a 270W series resistor.
The MTIP_n and MRING_n input pins will continuously monitor the Trans-
mit Output line signal via the TTIP_n and TRING_n output pins for bipolar
activity. If these pins do not detect any bipolar activity for 128 bit periods,
then the Transmit Drive Monitor circuit will drive the corresponding DMO_n
output pin "High" in order to denote a possible fault condition in the Trans-
mit Output Line signal path.
NOTE:
These input pins are inactive if the user chooses to internally
monitor the Transmit Output line signal.
D23
AC23
E19
AB19
E16
AB16
D10
AC10
D8
AC8
D4
AC4
MRing0
MRing1
MRing2
MRing3
MRing4
MRing5
MRing6
MRing7
MRing8
MRing9
MRing10
MRing11
I
Monitor Ring Input
These input pins along with MTIP_n function as the Transmit Drive Monitor
Output (DMO) input monitoring pins. (1) To monitor the Transmit Output
line signal and (2) to perform this monitoring externally, then this input pin
MUST be connected to the corresponding TRING_n output pin via a 270W
series resistor. Similarly, the MTIP_n input pin MUST be connected to its
corresponding TTIP_n output pin via a 270W series resistor.
The MTIP_n and MRING_n input pins will continuously monitor the Trans-
mit Output line signal via the TTIP_n and TRING_n output pins for bipolar
activity. If these pins do not detect any bipolar activity for 128 bit periods,
then the Transmit Drive Monitor circuit will drive the corresponding DMO_n
output pin "High" to indicate a possible fault condition in the Transmit Out-
put Line signal path.
NOTE:
These input pins are inactive if the user chooses to internally
monitor the Transmit Output line signal.
N3
N4
N5
N1
M1
L2
M2
M3
M4
M5
K2
J1
DMO0
DMO1
DMO2
DMO3
DMO4
DMO5
DMO6
DMO7
DMO8
DMO9
DMO10
DMO11
O
Drive Monitor Output
These output signals are used to indicate a fault condition within the Trans-
mit Output signal path.
This output pin will toggle "High" anytime the Transmit Drive Monitor cir-
cuitry either, via the corresponding MTIP and MRING input pins or inter-
nally, detects no bipolar pulses via the Transmit Output line signal (e.g., via
the TTIP_m and TRING_m output pins) for 128 bit-periods.
This output pin will be driven "Low" anytime the Transmit Drive Monitor cir-
cuitry has detected at least one bipolar pulse via the Transmit Output line
signal within the last 128 bit periods.
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R12D_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75R12D_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com