Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT75R12
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT75R12 Datasheet HTML 6Page - Exar Corporation XRT75R12 Datasheet HTML 7Page - Exar Corporation XRT75R12 Datasheet HTML 8Page - Exar Corporation XRT75R12 Datasheet HTML 9Page - Exar Corporation XRT75R12 Datasheet HTML 10Page - Exar Corporation XRT75R12 Datasheet HTML 11Page - Exar Corporation XRT75R12 Datasheet HTML 12Page - Exar Corporation XRT75R12 Datasheet HTML 13Page - Exar Corporation XRT75R12 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
XRT75R12
7
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.3
F23
AC26
F24
U23
L23
T24
L4
T3
F3
U4
F4
AC1
RxNEG/LCV0
RxNEG/LCV1
RxNEG/LCV2
RxNEG/LCV3
RxNEG/LCV4
RxNEG/LCV5
RxNEG/LCV6
RxNEG/LCV7
RxNEG/LCV8
RxNEG/LCV9
RxNEG/LCV10
RxNEG/LCV11
O
Receive Negative Data Output/Line Code Violation
The function of these pins depends on whether the XRT75R12 is configured in
Single Rail or Dual Rail mode.
Dual-Rail Mode - Receive Negative Polarity Data Output
In the Dual-Rail Mode, all negative-polarity data will be output via this pin. The
positive-polarity data will be output via the corresponding RxPOS_n output pin.
In other words, the Receive Section of the corresponding Channel will pulse this
output pin "High" for one period of RxCLK_n anytime it receives a negative-
polarity pulse via the RTIP/RRING input pins.
The data output via this pin is updated upon the active edge of the RCLK_n
output clock signal.
Single-Rail Mode - Line Code Violation Indicator Output
In the Single-Rail Mode, this output pin will function as the Line Code Violation
indicator output.
In this configuration, the Receive Section of the Channel will pulse this output
pin "High" for at least one RCLK period whenever it detects either an LCV (Line
Code Violation) or an EXZ (Excessive Zero Event).
The data that is output via this pin is updated upon the active edge of the
RCLK_n output clock signal.
E24
AC25
J23
V23
K24
T23
K3
T4
J4
V4
E3
AC2
RxCLK0
RxCLK1
RxCLK2
RxCLK3
RxCLK4
RxCLK5
RxCLK6
RxCLK7
RxCLK8
RxCLK9
RxCLK10
RxCLK11
O
Receive Clock Output
This output pin functions as the Receive or recovered clock signal. All Receive
(or recovered) data will output via the RxPOS_n and RxNEG_n outputs upon
the active edge of this clock signal.
Additionally, if the device/channel has been configured to operate in the Single-
Rail Mode, then the RNEG_n/LCV_n output pins will also be updated upon the
active edge of this clock signal.
SYSTEM-SIDE RECEIVE OUTPUT AND RECEIVE CONTROL PINS
PIN #SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R12

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75R12

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com