Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM4.3NB1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PZM4.3NB1
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM4.3NB1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PZM4.3NB1 Datasheet HTML 2Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 3Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 4Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 5Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 6Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 7Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 8Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 9Page - NXP Semiconductors PZM4.3NB1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Table 2
Per type; PZM27N to PZM75N
Tj =25 °C unless otherwise specified.
PZM
-XXX
WORKING VOLTAGE
VZ (V)
at IZ = 2 mA; tm =40ms
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP.
COEFF.
SZ (mV/K)
at
IZ =2mA
DIODE
CAP.
Cd (pF)
at
f = 1 MHz;
VR =0
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb =25 °C
B
B1B2B3
IZ = 0.5 mA
IZ =2mA
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
27N
25.10
28.90
−−−−−−
35
250
8
40
23.4
73
1.00
30N
28.00
32.00
−−−−−−
35
250
10
40
26.6
66
1.00
33N
31.00
35.00
−−−−−−
40
275
11
40
29.7
60
0.90
36N
34.00
38.00
−−−−−−
40
300
15
60
33.0
59
0.80
39N
37.00
41.00
−−−−−−
40
300
25
75
36.4
58
0.70
43N
40.00
46.00
−−−−−−
45
325
30
80
41.2
56
0.60
47N
44.00
50.00
−−−−−−
45
325
30
90
46.1
55
0.50
51N
48.00
54.00
−−−−−−
45
350
35
110
51.0
52
0.40
56N
52.00
60.00
−−−−−−
50
375
40
120
57.0
49
0.30
62N
58.00
66.00
−−−−−−
60
400
50
140
64.4
44
0.30
68N
64.00
72.00
−−−−−−
75
400
55
160
71.7
40
0.25
75N
70.00
79.00
−−−−−−
85
400
70
175
80.2
35
0.20


Similar Part No. - PZM4.3NB1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZM4.3NB2A PHILIPS-PZM4.3NB2A Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
More results

Similar Description - PZM4.3NB1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com