Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C114G102C2C0G5CA Datasheet(PDF) 4 Page - Kemet Corporation

Part # C114G102C2C0G5CA
Description  CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C114G102C2C0G5CA Datasheet(HTML) 4 Page - Kemet Corporation

  C114G102C2C0G5CA Datasheet HTML 1Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 2Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 3Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 4Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 5Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 6Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 7Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 8Page - Kemet Corporation C114G102C2C0G5CA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
2
EFFECT OF TEMPERATURE
-20
-40
0
+140
+40
+60
+100 +120
-60
+20
+80
0.0
2.0
4.0
6.0
8.0
Temperature
°C
Capacitance & DF vs Temperature - X7R
Figure 4.
0.10
0.20
0.0
-55
-20
+20
+80
Temperature
°C
Capacitance & DF vs Temperature - C0G
Figure 3.
-40
0
+125
+40
+60
+100
-0.1
0
+0.2
-0.2
+0.1
-0.1
0
+0.2
-0.2
+0.1
-20
-10
0
+20
+10
%
∆C
%DF
%
∆C
%DF
TABLE 1
EIA TEMPERATURE CHARACTERISTIC CODES
FOR CLASS I DIELECTRICS
Significant Figure
Multiplier Applied
Tolerance of
of Temperature
to Temperature
Temperature
Coefficient
Coefficient
Coefficient *
PPM per
Letter
Multi-
Number
PPM per
Letter
Degree C
Symbol
plier
Symbol
Degree C
Symbol
0.0
C
-1
0
3 0
G
0.3
B
-10
1
60
H
0.9
A
-100
2
120
J
1.0
M
-1000
3
250
K
1.5
P
-100000
4
500
L
2.2
R
+1
5
1000
M
3.3
S
+10
6
2500
N
4.7
T
+100
7
7.5
U
+1000
8
+10000
9
* These symetrical tolerances apply to a two-point measurement of
temperature coefficient: one at 25ºC and one at 85ºC. Some deviation
is permitted at lower temperatures. For example, the PPM tolerance
for C0G at -55 is +30 / -72 PPM.
TABLE 2
EIA TEMPERATURE CHARACTERISTIC CODES
FOR CLASS II & III DIELECTRICS
Low Temperature
High Temperature Maximum Capacitance
Rating
Rating
Shift
Degree
Letter
Degree
Number
Letter
Celcius
Symbol
Celcius
Symbol
Percent
Symbol
+10C
Z
+45C
2
±1.0%
A
-30C
Y
+65C
4
±1.5%
B
-55C
X
+85C
5
±2.2%
C
+105C
6
±3.3%
D
+125C
7
±4.7%
E
+150C
8
±7.5%
F
+200C
9
±10.0%
P
±15.0%
R
±22.0%
S
+22 / -33%
T
+22 / -56%
U
+22 / -82%
V
APPLICATION NOTES FOR MULTILAYER CERAMIC CAPACITORS
PARAMETER
TEMPERATURE CHARACTERISTICS
C0G
X7R
Dissipation Factor: Measured at following conditions:
C0G - 1 kHz and 1 vrms if capacitance > 1000 pF
1 Mhz and 1 vrms if capacitance ≤ 1000 pF
X7R - 1 kHz and 1 vrms* or if extended cap range 0.5 vrms
0.15%
2.5%
Dielectric Strength: 2.5 times rated DC voltage
Pass Subsequent IR Test
Insulation Resistance (IR): At rated DC voltage,
or whichever of the two is smaller
1,000 MΩ−µF
or 100 GΩ
1,000 MΩ−µF
or 100 GΩ
Temperature Characteristics: Range, °C
Capacitance Change without DC voltage
-55 to +125
0 ± 30 ppm/°C
-55 to +125
±15%
* 1 MHz and 1 vrms if capacitance ≤ 100 pF on military product.
SPECIFIED ELECTRICAL LIMITS


Similar Part No. - C114G102C2C0G5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114G102C2CH5CA KEMET-C114G102C2CH5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102C2CH5CM KEMET-C114G102C2CH5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102C2CH5CP KEMET-C114G102C2CH5CP Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102C2CJ5CA KEMET-C114G102C2CJ5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102C2CJ5CM KEMET-C114G102C2CJ5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C114G102C2C0G5CA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322A104K035AT KEMET-T322A104K035AT Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
AVX Corporation
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com