Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBMH3216HM501K Datasheet(PDF) 8 Page - Kemet Corporation

Part # FBMH3216HM501K
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FBMH3216HM501K Datasheet(HTML) 8 Page - Kemet Corporation

Back Button FBMH3216HM501K Datasheet HTML 4Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 5Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 6Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 7Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 8Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 9Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 10Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 11Page - Kemet Corporation FBMH3216HM501K Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
8
Features:
Operating Temperature:
• Small size wound chip inductor with high current
• -25ºC to +105ºC (including self-generated heat)
• Dimension without directional influence on mountability
and characteristics
Applications:
• Digital Still Cameras (DSC), Digital Video Cameras (DVC),
PDA’s and other portable digital equipment
• For DC-DC converter circuit
KEMET Designator
Inductance
Examples: 3N9 = 0.0039μH
10N = 0.01μH
R10 = 0.1μH
1R0 = 1.0μH
100 = 10μH
101 = 100μH
Inductance Tolerance
“-” = Standard, M = ±20%
Type
CB- = Standard Type
CBC = High Current Type
CBL = High Frequency Type
CBMF = Power, Bottom surface electrode
(See part number table)
Case Size
2012 (0805)
2016 (0806)
2518 (1007)
3225 (1210)
Packaging Code
T = Tape & Reel
CB-
Special Code
R = Low Rdc Type
2016
T
100
M
R
K
Dim.
Code
EIA
Case
Size
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
1608
0603
1.6 ±0.2
(0.063 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.4 ±0.15
(0.015 ±0.006)
2012
0805
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
2016
0806
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
2518
1007
2.5 ±0.2
(0.098 ±0.008)
1.8 ±0.2
(0.071 ±0.008)
1.8 ±0.2
(0.071 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
3225
1210
3.2 ±0.2
(0.126 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
0.6 ±0.3
(0.024 ±0.012)
E
T
W
L
Wire Wound Chip Inductors - CB Series
Part Numbering Table
Dimension Table in millimeters (inches)


Similar Part No. - FBMH3216HM501K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
4Mb / 15P
   CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
266Kb / 2P
   Chip Bead Inductors for Power Lines (FB series M type)[FBMH]
FBMH3216HM501NTV TAIYO-YUDEN-FBMH3216HM501NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMH3216HM501NTV TAIYO-YUDEN-FBMH3216HM501NTV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMH]
More results

Similar Description - FBMH3216HM501K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com