Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402S273M3RAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0402S273M3RAC
Description  Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402S273M3RAC Datasheet(HTML) 3 Page - Kemet Corporation

  C0402S273M3RAC Datasheet HTML 1Page - Kemet Corporation C0402S273M3RAC Datasheet HTML 2Page - Kemet Corporation C0402S273M3RAC Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements
based on room temperature (25°C) parameters:
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 15% over that range.
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 1,000
megohm microfarads or 100 gigohm, whichever is less.
Capacitance and Dissipation Factor (DF) measured at 1kHz and 1 Vrms.
DF Limits are:
Soldering Process
These components are suitable for reflow and wave soldering. All parts incorporate the standard KEMET
barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resist-
ance to leaching.
Marking
These chips will be supplied unmarked. If required, they can be laser-marked as an extra option.
Details on the marking format are included in KEMET Surface Mount catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these
capacitors. The information in this bulletin supplements that in the catalog.
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C
0805
S
103
K
5
R
A
C
Style
C - Ceramic
Size Code
0402, 0603, 0805, 1206, 1210, 1812
Specification
S - Floating Electrode
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
Capacitance Tolerance
K = ±10%; M = ±20%; J = ±5%
Voltage
4 = 16V, 3 = 25V, 5 = 50V
1 = 100V, 2 = 200V, A = 250V
Temperature Characteristic
Designated by Capacitance
Change over Temperature Range
R – X7R (±15%) (-55°C +125°C)
End Metallization
C = Standard
Failure Rate Level
A = Not Applicable
Ordering Information
50 - 250 Volts
2.5%
16 - 25 Volts
3.5%


Similar Part No. - C0402S273M3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402S221K5RACAUTO KEMET-C0402S221K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 220 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0402
C0402S221K5RACTU KEMET-C0402S221K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 220 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Temperature Stable, 0402
More results

Similar Description - C0402S273M3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FE-CAP KEMET-FE-CAP Datasheet
68Kb / 3P
   Fail-Safe Floating Electrode MLCCFE-CAP / X7R Dielectric
C0805Y103K5RAC KEMET-C0805Y103K5RAC Datasheet
89Kb / 3P
   Fail-Safe Floating Electrode MLCC with Flexible Termination
C0805S331K5RACTU KEMET-C0805S331K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 330 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode,
C0805S103M5RACAUTO KEMET-C0805S103M5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 0.01 uF, 20%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode,
C1210S104K1RACAUTO KEMET-C1210S104K1RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 0.1 uF, 10%, 100 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1210
C0805S332K5RACAUTO KEMET-C0805S332K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 3300 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0805
C0805S472K5RACAUTO KEMET-C0805S472K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 4700 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0805
C1206S222K5RACAUTO KEMET-C1206S222K5RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 2200 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1206
C0603S223K4RACTU KEMET-C0603S223K4RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 0.022 uF, 10%, 16 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Temperature Stable, 0603
C0603S682K5RACAUTO KEMET-C0603S682K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 6800 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0603
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com