Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA547-01 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPA547-01
Description  HYPERFAST HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 10.5 kV / 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPA547-01 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPA547-01 Datasheet HTML 1Page - Solid States Devices, Inc SPA547-01 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD’s for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0021D
DOC
ELECTRICAL CHARACTERISTICS (Per Leg)
Symbol
Max
Unit
Max Instantaneous Forward Voltage Drop
(IF = 1.0 Adc, TC = 25
oC, 300µs Pulse)
VF
8.2
V
Max Reverse Leakage Current
( VR = 3kV, TC = 25
oC)
IR1
1
µA
Max Reverse Leakage Current
( VR = 3kV, TC = 100
oC)
IR2
50
µA
Maximum Junction Capacitance
(f = 1 MHz, VR =100 V, TC = 25
oC)
CJ
12
pF
Maximum Pin to Ground Capacitance
(f = 1 MHz, VR =100 V, TC = 25
oC)
CB
30
pF
Maximum Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A, TC = 25ºC)
tRR
40
nsec
NOTES:
1.
Maximum forward voltage measured with instantaneous forward pulse of 300 µsec minimum.
2.
For information on curves, contact the Factory Representative for Engineering Assistance
PACKAGE OUTLINE:
TERMINAL
160-1512-XX-05
(CAMBION)
OR EQUVALENT
18x .200
1.000
.745
.630
1.115
.170
.470
.310
2.285
2.455
2.579
2.755
.750
7 x.250
(=1.750)
2.520
.580
.390
.080
2.360
9x .261
(=2.349)
.390
.136
2.620
2.320
.355
2.535
TOLERANCES:
(UNLESS OTHERWISE SPECIFIED)
.XX ±
.XXX ±
.02
.010
2.300
4x .138-32 UNF-2B
HELICOIL INSERT
.315 MIN DEEP
2.300
2.142
.220
.610
.220
.004
--A--
E19
E17
E15
E13
E11
E9
E7
E5
E3
E1
E16
E14
E12
E10
E8
E6
E4
E2
MARKING SURFACE
3 PLACES
.008
A
.005
1/
.550
SLOT
.063 WIDE x .040 DEEP
2 SIDES
NOTE:
1/ Specified Flatness and Parallelism applies to
the area of 2.620 x 2.140” min.
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA547-01


Similar Part No. - SPA547-01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA548-01 SSDI-SPA548-01 Datasheet
48Kb / 2P
   HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 5.5 kV / 2A
More results

Similar Description - SPA547-01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA548-01 SSDI-SPA548-01 Datasheet
48Kb / 2P
   HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 5.5 kV / 2A
logo
GETAI ELECTRONICS DEVIC...
HVQL15MT200G GETEDZ-HVQL15MT200G Datasheet
473Kb / 1P
   1.5A 20kV--High Voltage Bridge Rectifier
HVQL15MT200D GETEDZ-HVQL15MT200D Datasheet
473Kb / 1P
   1.5A 20kV--High Voltage Bridge Rectifier
HVQL15MT150D GETEDZ-HVQL15MT150D Datasheet
473Kb / 1P
   1.5A 15kV--High Voltage Bridge Rectifier
HVQL15MT150G GETEDZ-HVQL15MT150G Datasheet
473Kb / 1P
   1.5A 15kV--High Voltage Bridge Rectifier
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
   2.0kV 1.5A HIGH VOLTAGE DIODE
HVRW3 GETEDZ-HVRW3 Datasheet
71Kb / 1P
   3.0kV 1.5A HIGH VOLTAGE DIODE
logo
Cynergy3 Co
FRS22012 CYNERGY3-FRS22012 Datasheet
749Kb / 2P
   miniature latching, 3.5 kV, 1.5A
FRS22000 CYNERGY3-FRS22000 Datasheet
558Kb / 2P
   miniature latching, 3.5 kV, 1.5A
logo
Solid States Devices, I...
PM0022 SSDI-PM0022 Datasheet
48Kb / 2P
   DIODE BRIDGE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com