Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT82L24A Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT82L24A
Description  QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82L24A Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT82L24A Datasheet HTML 3Page - Exar Corporation XRT82L24A Datasheet HTML 4Page - Exar Corporation XRT82L24A Datasheet HTML 5Page - Exar Corporation XRT82L24A Datasheet HTML 6Page - Exar Corporation XRT82L24A Datasheet HTML 7Page - Exar Corporation XRT82L24A Datasheet HTML 8Page - Exar Corporation XRT82L24A Datasheet HTML 9Page - Exar Corporation XRT82L24A Datasheet HTML 10Page - Exar Corporation XRT82L24A Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
áç
áç
áç
áç
XRT82L24A
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.1.2
5
5
21
55
71
TxClk_0
TxClk_1
TxClk_2
TxClk_3
I
Transmitter_n Clock Input: E1 rate at 2.048MHz ± 50ppm.
During normal operation both in Host Mode and Hardware Mode, TxClk is used
for sampling input data at TxPOS/TData and TxNEG, while MCLK is used as
the timing reference for the transmit pulse shaping circuit. If TxClk is active
while MClk is not present, TxPOS and TxNEG accepts NRZ data input and the
transmit pulse width is determined by TxClk clock duty cycle. If TxClk is tied to
“Low”, TxPOS and TxNEG input accepts RZ data format and the pulse width is
determined by the duty cycle of the input data. In RZ Mode, single-rail data for-
mat is not supported.
In Hardware Mode, if TxClk is tied "High" for more than 10 µs, then TAOS (a
continuous all one's AMI signal) will be transmitted to the line using MCLK as
timing reference.
If TxClk_0 is tied “Low” for more than 10 µs, the transmitter will be powered
down and the output will be tri-stated.
14
15
16
17
TxOFF_0
TxOFF_1
TxOFF_2
TxOFF_3
I
Powered-down Transmitter_n:
In Hardware Mode, tie this pin "High" to power-down channel 0 transmitter and
set TTIP_n and TRing_n to high impedance.
NOTE: Internally pulled -up with a 50k
Ω resistor.
91
35
41
85
TRing_0
TRing_1
TRing_2
TRing_3
O
Transmitter_n Ring Output:
Negative Differential data output to the line.
89
37
39
87
TTIP_0
TTIP_1
TTIP_2
TTIP_3
O
Transmitter_n Tip Output:
Positive Differential data output to the line.
MICROPROCESSOR INTERFACE
6
RESET
I
Hardware Reset (Active Low). When this pin is tied Low for more than 10
µS,
the device is put in the reset state.
NOTE: Internally pulled -up with a 50k
Ω resistor.
7
PTS1
ClkE
I
I
Processor Type Select bit 1:
Host Mode
In Host Mode the appropriate bits are set in the command mode
Hardware Mode:
The state of the ClkE input controls the sampling edge of both TxClk and RxClk.
A “1” selects the positive edge of TxClk and RxClk
A “0” selects the negative edge of TxClk and RxClk.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION
8HC11,8081,80C188 (async.)
Motorola 68K (async.)
Intel x86 (sync.)
Intel i906,Motorola 860 (sync.)
PTS1
0
1
0
1
PTS2
0
0
1
1


Similar Part No. - XRT82L24A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82L24 EXAR-XRT82L24 Datasheet
326Kb / 43P
   QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT82L24IV EXAR-XRT82L24IV Datasheet
326Kb / 43P
   QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT82L24A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82L24 EXAR-XRT82L24 Datasheet
326Kb / 43P
   QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com