Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L30 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT83L30_06 Datasheet HTML 4Page - Exar Corporation XRT83L30_06 Datasheet HTML 5Page - Exar Corporation XRT83L30_06 Datasheet HTML 6Page - Exar Corporation XRT83L30_06 Datasheet HTML 7Page - Exar Corporation XRT83L30_06 Datasheet HTML 8Page - Exar Corporation XRT83L30_06 Datasheet HTML 9Page - Exar Corporation XRT83L30_06 Datasheet HTML 10Page - Exar Corporation XRT83L30_06 Datasheet HTML 11Page - Exar Corporation XRT83L30_06 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
XRT83L30
5
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.1
PIN DESCRIPTIONS BY FUNCTION
SERIAL INTERFACE
SIGNAL NAME
PIN #
TYPE
DESCRIPTION
HW/HOST
20
I
Mode Control Input
This pin is used for selecting Hardware or Host mode to control the device.
Leave this pin unconnected or tie “High” to select Hardware mode. For Host
mode, this pin must be tied “Low”.
NOTE: Internally pulled “High” with a 50k
Ω resistor.
SDI
EQC4
21
I
Serial Data Input
In Host mode, this pin is the data input for the Serial Interface.
Equalizer Control Input 4
Hardware mode, SEE”CONTROL FUNCTION” ON PAGE 13.
SDO
EQC3
22
O
I
Serial Data Output
In Host mode, this pin is the output “Read” data for the serial interface.
Equalizer Control Input 3
Hardware mode, SEE”CONTROL FUNCTION” ON PAGE 13.
SCLK
EQC2
23
I
Serial Interface Clock Input
In Host mode, this clock signal is used to control data “Read” or “Write” oper-
ation for the Serial Interface. Maximum clock frequency is 20MHz.
Equalizer Control Input 2
Hardware mode, SEE”CONTROL FUNCTION” ON PAGE 13.
CS
EQC1
24
I
Chip Select Input
In Host mode, tie this pin “Low” to enable communication with the device via
the Serial Interface.
Equalizer Control Input 1
Hardware mode, SEE”CONTROL FUNCTION” ON PAGE 13.
INT
EQC0
25
O
I
Interrupt Output (active "Low")
In Host mode, this pin goes “Low” to indicate an alarm condition has
occurred within the device. Interrupt generation can be globally disabled by
setting the GIE bit to “0” in the command control register.
Equalizer Control Input 0
Hardware mode, SEE”CONTROL FUNCTION” ON PAGE 13.
NOTE: This pin is an open drain output and requires an external 10k
Ω pull-
up resistor.


Similar Part No. - XRT83L30_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L30_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com