Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L34 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83L34_05 Datasheet HTML 7Page - Exar Corporation XRT83L34_05 Datasheet HTML 8Page - Exar Corporation XRT83L34_05 Datasheet HTML 9Page - Exar Corporation XRT83L34_05 Datasheet HTML 10Page - Exar Corporation XRT83L34_05 Datasheet HTML 11Page - Exar Corporation XRT83L34_05 Datasheet HTML 12Page - Exar Corporation XRT83L34_05 Datasheet HTML 13Page - Exar Corporation XRT83L34_05 Datasheet HTML 14Page - Exar Corporation XRT83L34_05 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
xr
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.1
8
RXRES0
RXRES1
108
109
I
Receive External Resistor Control Pins - Hardware mode
Receive External Resistor Control Pin 0
Receive External Resistor Control Pin 1
These pins are used to determine the value of the external Receive fixed
resistor according to the following table:
NOTE: These pins are internally pulled “Low” with 50k
Ω resistor.
RCLKE
µPTS1
106
I
Receive Clock Edge Select/Microprocessor Type Select Input pin:
The exact function of this input pin depends upon whether the XRT83L34
device has been configured to operate in the HOST or Hardware Mode, as
described below.
Hardware Mode Operation - Receive Clock Edge Select Input pin -
RCLKE:
This input pin permits the user to configure the Receive Section (of each
channel within the XRT83L34 device) to update the data (that is output via
the RPOS_n/RDATA_n and RNEG_n/LCV_n output pins) upon either the ris-
ing edge or falling edge of the RCLK_n output clock signal, as depicted
below.
LOW - Configures all four channels to update the RPOS_n/RDATA_n and
RNEG_n/LCV_n output pins upon rising edge of RCLK_n.
HIGH - Configures all four channels to update the RPOS_n/RDATA_n and
RNEG_n/LCV_n output pins upon the falling edge of RCLK_n.
HOST Mode Operation - Microprocessor Type Select Input pin # 1:
This pin is used to select the microprocessor type.
See “Microprocessor
Type Select Input Pins/Receive Clock Edge Select/Transmit Clock
Edge Select Input Pin:” on page 17.
NOTE: This pin is internally pulled "Low" with a 50k
Ω resistor.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
Required Fixed External
RX Resistor
No External Fixed Resistor
240
210
150
RXRES0
0
1
0
1
RXRES1
0
0
1
1


Similar Part No. - XRT83L34_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34IV EXAR-XRT83L34IV Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L34_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com