Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L34IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT83L34IV
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT83L34IV Datasheet HTML 6Page - Exar Corporation XRT83L34IV Datasheet HTML 7Page - Exar Corporation XRT83L34IV Datasheet HTML 8Page - Exar Corporation XRT83L34IV Datasheet HTML 9Page - Exar Corporation XRT83L34IV Datasheet HTML 10Page - Exar Corporation XRT83L34IV Datasheet HTML 11Page - Exar Corporation XRT83L34IV Datasheet HTML 12Page - Exar Corporation XRT83L34IV Datasheet HTML 13Page - Exar Corporation XRT83L34IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
XRT83L34
xr
REV. 1.0.1
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
7
RXMUTE
RDY_DTACK
73
73
I
O
Receive Muting upon LOS Command Input/READY or DTACK Output:
The exact function of this Input/Output pin depends upon whether the
XRT83L34 device has been configured to operate in the HOST or Hardware
Mode, as described below.
Hardware Mode Operation - Receive Muting upon LOS Command Input
pin:
This input pin permits the user to enable or disable the "Muting upon LOS"
feature within the XRT83L34 device. If the user enables the "Muting upon
LOS" feature, then the Receive Section of each channel (within the
XRT83L34 device) will automatically MUTE their own RPOS_n/RNEG_n out-
put pins (e.g., force to ground) for the duration that they are declaring the
LOS defect condition, as described below.
LOW - Disables the "Muting upon LOS" feature for all four (4)
HIGH - Enables the "Muting upon LOS" feature.
NOTES:
1.
Internally pulled "Low" with 50k
Ω resistor.
2.
In Hardware mode, all receive channels share the same RXMUTE
control function.
HOST Mode Operation - Ready or DTACK Output
See “Ready or DTACK Output/Receive Muting upon LOS Command
Input pin:” on page 16.
SIGNAL NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XRT83L34IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34IV EXAR-XRT83L34IV Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L34IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com