Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83L38 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83L38
Description  OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L38 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83L38 Datasheet HTML 7Page - Exar Corporation XRT83L38 Datasheet HTML 8Page - Exar Corporation XRT83L38 Datasheet HTML 9Page - Exar Corporation XRT83L38 Datasheet HTML 10Page - Exar Corporation XRT83L38 Datasheet HTML 11Page - Exar Corporation XRT83L38 Datasheet HTML 12Page - Exar Corporation XRT83L38 Datasheet HTML 13Page - Exar Corporation XRT83L38 Datasheet HTML 14Page - Exar Corporation XRT83L38 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
XRT83L38
8
REV. 1.0.2
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TRING_0
TRING_1
TRING_2
TRING_3
TRING_4
TRING_5
TRING_6
TRING_7
E2
F3
F15
E16
P2
N4
R15
P17
O
Transmitter Ring Output for Channel _0
Negative differential transmit output to the line.
Transmitter Ring Output for Channel _1
Transmitter Ring Output for Channel _2
Transmitter Ring Output for Channel _3
Transmitter Ring Output for Channel _4
Transmitter Ring Output for Channel _5
Transmitter Ring Output for Channel _6
Transmitter Ring Output for Channel _7
TPOS_0
TDATA_0
TPOS_1
TDATA_1
TPOS_2
TDATA_2
TPOS_3
TDATA_3
TPOS_4
TDATA_4
TPOS_5
TDATA_5
TPOS_6
TDATA_6
TPOS_7
TDATA_7
C5
A4
B14
D14
V4
U5
V15
T14
I
Transmitter Positive Data Input for Channel _0 - Dual-Rail mode
This signal is the positive-rail input data for transmitter 0.
Transmitter 0 Data Input - Single-Rail mode
This pin is used as the NRZ input data for transmitter 0.
Transmitter Positive Data Input for Channel _1
Transmitter 1 Data Input
Transmitter Positive Data Input for Channel _2
Transmitter 2 Data Input
Transmitter Positive Data Input for Channel _3
Transmitter 3 Data Input
Transmitter Positive Data Input for Channel _4
Transmitter 4 Data Input
Transmitter Positive Data Input for Channel _5
Transmitter 5 Data Input
Transmitter Positive Data Input for Channel _6
Transmitter 6 Data Input
Transmitter Positive Data Input for Channel _7
Transmitter 7 Data Input
NOTE: Internally pulled “Low” with a 50k
Ω resistor for each channel.
SIGNAL NAME
LEAD #TYPE
DESCRIPTION


Similar Part No. - XRT83L38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38IB EXAR-XRT83L38IB Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38IV EXAR-XRT83L38IV Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com