Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SH314_0610 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83SH314_0610
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SH314_0610 Datasheet(HTML) 1 Page - Exar Corporation

  XRT83SH314_0610 Datasheet HTML 1Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 2Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 3Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 4Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 5Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 6Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 7Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 8Page - Exar Corporation XRT83SH314_0610 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT83SH314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
OCTOBER 2006
REV. 1.0.4
GENERAL DESCRIPTION
The XRT83SH314 is a fully integrated 14-channel
short-haul line interface unit (LIU) that operates from
a
single
3.3V
power
supply.
Using
internal
termination, the LIU provides one bill of materials to
operate in T1, E1, or J1 mode independently on a per
channel basis with minimum external components.
The LIU features are programmed through a standard
microprocessor interface. EXAR’s LIU has patented
high impedance circuits that allow the transmitter
outputs and receiver inputs to be high impedance
when experiencing a power failure or when the LIU is
powered off.
Key design features within the LIU
optimize 1:1 or 1+1 redundancy and non-intrusive
monitoring applications to ensure reliability without
using relays.
The on-chip clock synthesizer generates T1/E1/J1
clock rates from a selectable external clock frequency
and has five output clock references that can be used
for external timing (8kHz, 1.544Mhz, 2.048Mhz,
nxT1/J1, nxE1).
Additional features include RLOS, a 16-bit LCV
counter
for
each
channel,
AIS,
QRSS/PRBS
generation/detection, TAOS, DMO, and diagnostic
loopback modes.
APPLICATIONS
T1 Digital Cross Connects (DSX-1)
ISDN Primary Rate Interface
CSU/DSU E1/T1/J1 Interface
T1/E1/J1 LAN/WAN Routers
Public Switching Systems and PBX Interfaces
T1/E1/J1 Multiplexer and Channel Banks
Integrated Multi-Service Access Platforms (IMAPs)
Integrated Access Devices (IADs)
Inverse Multiplexing for ATM (IMA)
Wireless Base Stations
FEATURES
FIGURE 1. BLOCK DIAGRAM OF THE XRT83SH314
HDB3/B8ZS
Encoder
Tx/Rx Jitter
Attenuator
Timing
Control
Tx Pulse
Shaper &
Pattern Gen
HDB3/B8ZS
Decoder
Tx/Rx Jitter
Attenuator
Clock & Data
Recovery
Peak
Detector
& Slicer
QRSS
Generation
& Detection
AIS & LOS
Detector
Driver
Monitor
1 of 14 Channels
Test
Microprocessor
Interface
Programmable Master
Clock Synthesizer
Line
Driver
Remote
Loopback
Digital
Loopback
Analog
Loopback
TCLK_n
TPOS_n
TNEG_n
RCLK_n
RPOS_n
RNEG_n
8kHzOUT
MCLKE1out
MCLKT1out
MCLKE1Nout
MCLKT1Nout
RTIP_n
RRING_n
TRING_n
TTIP_n
TxON
RxON
ICT
RxTSEL
TEST
DMO
RLOS
ATP_TIP
ATP_RING
RCLKOUT


Similar Part No. - XRT83SH314_0610

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SH314IB EXAR-XRT83SH314IB Datasheet
1Mb / 100P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SH314_0610

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314 EXAR-XRT83SH314 Datasheet
1Mb / 100P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH314 EXAR-XRT83VSH314 Datasheet
1Mb / 80P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com