Electronic Components Datasheet Search |
|
XRT83SH314_0610 Datasheet(PDF) 8 Page - Exar Corporation |
|
XRT83SH314_0610 Datasheet(HTML) 8 Page - Exar Corporation |
8 / 101 page XRT83SH314 4 14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT REV. 1.0.4 PIN DESCRIPTIONS (BY FUNCTION) MICROPROCESSOR NAME PIN TYPE DESCRIPTION CS A22 I Chip Select Input Active low signal. This signal enables the microprocessor interface by pulling chip select "Low". The microprocessor interface is disabled when the chip select signal returns "High". ALE_TS C19 I Address Latch Enable Input (Transfer Start) See the Microprocessor section of this datasheet for a description. WR_R/W A20 I Write Strobe Input (Read/Write) See the Microprocessor section of this datasheet for a description. RD_WE D18 I Read Strobe Input (Write Enable) See the Microprocessor section of this datasheet for a description. RDY_TA AA3 O Ready Output (Transfer Acknowledge) See the Microprocessor section of this datasheet for a description. INT B3 O Interrupt Output Active low signal. This signal is asserted "Low" when a change in alarm status occurs. Once the status registers have been read, the interrupt pin will return "High". GIE (Global Interrupt Enable) must be set "High" in the appropriate global register to enable interrupt generation. NOTE: This pin is an open-drain output that requires an external 10K Ω pull-up resistor. µPCLK AB2 I Micro Processor Clock Input In a synchronous microprocessor interface, µPCLK is used as the internal tim- ing reference for programming the LIU. ADDR10 ADDR9 ADDR8 ADDR7 ADDR6 ADDR5 ADDR4 ADDR3 ADDR2 ADDR1 ADDR0 A23 E20 C22 Y18 AA19 AB20 AC21 AB21 AA20 Y19 AC22 I Address Bus Input ADDR[10:8] is used as a chip select decoder. The LIU has 5 chip select output pins for enabling up to 5 additional devices for accessing internal registers. The LIU has the option to select itself (master device), up to 5 additional devices, or all 6 devices simultaneously by setting the ADDR[10:8] pins speci- fied below. ADDR[7:0] is a direct address bus for permitting access to the internal registers. ADDR[10:8] 000 = Master Device 001 = Chip Select Output 1 (Pin B21) 010 = Chip Select Output 2 (Pin D19) 011 = Chip Select Output 3 (Pin C20) 100 = Chip Select Output 4 (Pin A21) 101 = Chip Select Output 5 (Pin B20) 110 = Reserved 111 = All Chip Selects Active Including the Master Device |
Similar Part No. - XRT83SH314_0610 |
|
Similar Description - XRT83SH314_0610 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |