Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SH38IB Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT83SH38IB
Description  8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SH38IB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT83SH38IB Datasheet HTML 7Page - Exar Corporation XRT83SH38IB Datasheet HTML 8Page - Exar Corporation XRT83SH38IB Datasheet HTML 9Page - Exar Corporation XRT83SH38IB Datasheet HTML 10Page - Exar Corporation XRT83SH38IB Datasheet HTML 11Page - Exar Corporation XRT83SH38IB Datasheet HTML 12Page - Exar Corporation XRT83SH38IB Datasheet HTML 13Page - Exar Corporation XRT83SH38IB Datasheet HTML 14Page - Exar Corporation XRT83SH38IB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
XRT83SH38
8
REV. 1.0.7
8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
TRANSMIT SECTION
SIGNAL NAME
BGA
LEAD #
TYPE
DESCRIPTION
TCLKE/µPTS2
L15
I
Transmit Clock Edge
Hardware Mode
This pin is used to select which edge of the transmit clock is used to sample data
on the transmitter on the TPOS/TNEG inputs. By default, data is sampled on the
falling edge. To sample data on the rising edge, this pin must be pulled "High".
Host Mode
µPTS[2:1] pins are used to select the type of microprocessor to be used for Host
communication.
"00" = 8051 Intel Asynchronous
"01" = 68K Motorola Asynchronous
"10" = x86 Intel Synchronous
"11" = 860 Motorola Synchronous
NOTE: This pin is internally pulled “Low” with a 50k
Ω resistor.
TTIP0
TTIP1
TTIP2
TTIP3
TTIP4
TTIP5
TTIP6
TTIP7
E3
G4
F17
C16
R2
N2
N16
P16
O
Transmit Differential Tip Output
TTIP is the positive differential output to the line interface. Along with the TRING
signal, these pins should be coupled to a 1:2 step up transformer for proper opera-
tion.
TRING0
TRING1
TRING2
TRING3
TRING4
TRING5
TRING6
TRING7
E2
F3
F15
E16
P2
N4
R15
P17
O
Transmit Differential Ring Output
TRING is the negative differential output to the line interface. Along with the TTIP
signal, these pins should be coupled to a 1:2 step up transformer for proper opera-
tion.
TPOS0
TPOS1
TPOS2
TPOS3
TPOS4
TPOS5
TPOS6
TPOS7
C5
A4
B14
D14
V4
U5
V15
T14
I
TPOS/TDATA Input
Transmit digital input pin. In dual rail mode, this pin is the transmit positive data
input. In single rail mode, this pin is the transmit non-return to zero (NRZ) data
input.
NOTE: Internally pulled "Low" with a 50K
Ω resistor.
TNEG0
TNEG1
TNEG2
TNEG3
TNEG4
TNEG5
TNEG6
TNEG7
C4
B5
D13
B15
U4
V5
U14
R14
I
Transmitter Negative NRZ Data Input
In dual rail mode, this signal is the negative-rail input data for the transmitter. In
single rail mode, this pin can be left unconnected while in Host mode. However, in
Hardware mode, this pin is used to select the type of encoding/decoding for the E1/
T1 data format. Connecting this pin “Low” enables HDB3 in E1 or B8ZS in T1.
Connecting this pin “High” selects AMI data format.
NOTE: Internally pulled “Low” with a 50k
Ω resistor.


Similar Part No. - XRT83SH38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SH38IB EXAR-XRT83SH38IB Datasheet
1Mb / 77P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SH38IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH38 EXAR-XRT83SH38 Datasheet
1Mb / 77P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314 EXAR-XRT83SH314 Datasheet
1Mb / 100P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com