Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603X561K3RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603X561K3RAC
Description  Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X561K3RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0603X561K3RAC Datasheet HTML 1Page - Kemet Corporation C0603X561K3RAC Datasheet HTML 2Page - Kemet Corporation C0603X561K3RAC Datasheet HTML 3Page - Kemet Corporation C0603X561K3RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
X7R Capacitance Range
Cap
pF
Cap
Code
Cap
Tol.
C0603
C0805
C1206
C1210
6.3V 10V 16V 25V 50V 100V 200V 6.3V 10V 16V 25V 50V 100V 200V 6.3V 10V 16V 25V 50V 100V 200V 6.3V 10V
16V 25V 50V 100V 200V
180 181
K,M,J
CB CB CB CB CB
CB
CB
220 221
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
270 271
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
330 331
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
390 391
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
470 471
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
560 561
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
680 681
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
820 821
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
1,000 102
K,M,J
CB CB CB CB CB
CB
CB
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,200 122
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,500 152
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
1,800 182
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
2,200 222
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
2,700 272
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
3,300 332
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
3,900 392
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
4,700 472
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
5,600 562
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
6,800 682
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
8,200 822
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
10,000 103
K,M,J
CB CB CB CB CB
CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
12,000 123
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DC
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
15,000 153
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
18,000 183
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
22,000 223
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DD
DC
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
27,000 273
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DD
DE
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
33,000 333
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DD
DE
EB
EB
EB
EB
EB
EB
EB
FB
FB
FB
FB
FB
FB
FB
39,000 393
K,M,J
CB CB CB CB CB
CC
DC DC DC DC DC
DD
DE
EB
EB
EB
EB
EB
EC
EB
FB
FB
FB
FB
FB
FB
FB
47,000 473
K,M,J
CB CB CB CB CB
CB
DC DC DC DC DC
DE
DG
EB
EB
EB
EB
EB
EC
ED
FB
FB
FB
FB
FB
FB
FC
56,000 563
K,M,J
CB CB CB CB CC
DD DD DD DD DD
DE
DG
EB
EB
EB
EB
EB
EB
ED
FB
FB
FB
FB
FB
FB
FC
68,000 683
K,M,J
CB CB CB CB CC
DD DD DD DD DD
DE
EB
EB
EB
EB
EB
EB
ED
FB
FB
FB
FB
FB
FB
FC
82,000 823
K,M,J
CB CB CB CB CC
DD DD DD DD DD
DE
EB
EB
EB
EB
EB
EB
ED
FB
FB
FB
FB
FC
FC
FF
100,000 104
K,M,J
CB CB CB CB CC
DD DD DD DD DD
DE
EB
EB
EB
EB
EB
EB
EM
FB
FB
FB
FB
FB
FD
FG
120,000 124
K,M,J
CB CB CB
DC DC DC DC DD DG
EC
EC
EC
EC
EC
EC
EM
FB
FB
FB
FB
FB
FD
150,000 154
K,M,J
CB CB CB
CD
DC DC DC DC DD
EC
EC
EC
EC
EC
EC
EG
FC
FC
FC
FC
FC
FD
180,000 184
K,M,J
CB CB CB
DC DC DC DC DD
EC
EC
EC
EC
EC
EC
FC
FC
FC
FC
FC
FD
220,000 224
K,M,J
CB CB CB CD
DC DC DC DC DD DG
EC
EC
EC
EC
EC
EC
FC
FC
FC
FC
FC
FD
270,000 274
K,M,J
CB CB CB
DD DD DD DD
EB
EB
EB
EB
EC
EM
FC
FC
FC
FC
FC
FD
330,000 334
K,M,J
CB CB CB
DE DE DE DE
EB
EB
EB
EB
EC
EG
FD
FD
FD
FD
FD
FD
390,000 394
K,M,J
CB CB CB
DG DG DG DG
EB
EB
EB
EB
EG
EG
FD
FD
FD
FD
FD
470,000 474
K,M,J
CB CB CB
DG DG DG DG DE
EC
EC
EC
EC
EC
EG
FD
FD
FD
FD
FD
FD
560,000 564
K,M,J
DG DG DG DG
ED
ED
ED
ED
EC
FD
FD
FD
FD
FD
680,000 684
K,M,J
DG DG DG
DJ
EE
EE
EE
EE
ED
FD
FD
FD
FD
FD
820,000 824
K,M,J
DG DG DG
EF
EF
EF
EF
FF
FF
FF
FF
FF
1,000,000 105
K,M,J
DG DG DG DJ
EE
EE
EF
EG
ED
FH
FH
FH
FH
FH
FM
1,200,000 125
K,M,J
DE DE DE
ED
ED
ED
EG
FH
FH
FH
FH
FH
1,500,000 155
K,M,J
DG DG DG
EF
EF
EF
EG
FH
FH
FH
FH
FH
1,800,000 185
K,M,J
DG DG DG
EF
EF
EF
FH
FH
FH
FH
FH
2,200,000 225
K,M,J
DG DG DG
EG
EG
EG
EF
EH
FJ
FG
2,700,000 275
K,M,J
EN
EN
EK
3,300,000 335
K,M,J
ED
ED
ED
FM
3,900,000 395
K,M,J
EL
EL
EL
4,700,000 475
K,M,J
EM
EM EM
EH
FC
FC
FC
FG
FS
5,600,000 565
K,M,J
EH
EH
EH
6,800,000 685
K,M,J
EH
EH
EH
FM
8,200,000 825
K,M,J
EH
EH
EH
10,000,000 106
K,M,J
EH
EH
EH
FH
FH
FH
FS


Similar Part No. - C0603X561K3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X561J5GACAUTO KEMET-C0603X561J5GACAUTO Datasheet
61Kb / 1P
   SMD Auto C0G Flex, Ceramic, 560 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 0603
C0603X561J5GACTU KEMET-C0603X561J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G Flex, Ceramic, 560 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603
C0603X561JAGACAUTO KEMET-C0603X561JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 560 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
More results

Similar Description - C0603X561K3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X474K3RACTU KEMET-C0805X474K3RACTU Datasheet
119Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
logo
Vishay Siliconix
VJCER-F VISHAY-VJCER-F Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
logo
Anaren Microwave
RFP-250375-4Z50-2 ANAREN-RFP-250375-4Z50-2 Datasheet
504Kb / 2P
   Surface Mount Terminations
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com