Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH314IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83VSH314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH314IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83VSH314IB Datasheet HTML 3Page - Exar Corporation XRT83VSH314IB Datasheet HTML 4Page - Exar Corporation XRT83VSH314IB Datasheet HTML 5Page - Exar Corporation XRT83VSH314IB Datasheet HTML 6Page - Exar Corporation XRT83VSH314IB Datasheet HTML 7Page - Exar Corporation XRT83VSH314IB Datasheet HTML 8Page - Exar Corporation XRT83VSH314IB Datasheet HTML 9Page - Exar Corporation XRT83VSH314IB Datasheet HTML 10Page - Exar Corporation XRT83VSH314IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
XRT83VSH314
4
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
1.0
PIN DESCRIPTIONS
MICROPROCESSOR
NAME
PIN
TYPE
DESCRIPTION
CS
A22
I
Chip Select Input
Active low signal. This signal enables the microprocessor interface by pulling
chip select "Low". The microprocessor interface is disabled when the chip
select signal returns "High".
NOTE: Internally pulled "High" with a 50k
resistor.
ALE_TS
C19
I
Address Latch Enable Input (Transfer Start)
See the Microprocessor section of this datasheet for a description.
NOTE: Internally pulled "Low" with a 50k
resistor.
WR_R/W
A20
I
Write Strobe Input (Read/Write)
See the Microprocessor section of this datasheet for a description.
NOTE: Internally pulled "Low" with a 50k
resistor.
RD_WE
D18
I
Read Strobe Input (Write Enable)
See the Microprocessor section of this datasheet for a description.
NOTE: Internally pulled "Low" with a 50k
resistor.
RDY_TA
AA3
O
Ready Output (Transfer Acknowledge)
See the Microprocessor section of this datasheet for a description.
INT
B3
O
Interrupt Output
Active low signal. This signal is asserted "Low" when a change in alarm status
occurs. Once the status registers have been read, the interrupt pin will return
"High". GIE (Global Interrupt Enable) must be set "High" in the appropriate
global register to enable interrupt generation.
NOTE: This pin is an open-drain output that requires an external 10K
Ω pull-up
resistor.
µPCLK
AB2
I
Micro Processor Clock Input
In a synchronous microprocessor interface, µPCLK is used as the internal tim-
ing reference for programming the LIU.
NOTE: Internally pulled "Low" with a 50k
resistor.


Similar Part No. - XRT83VSH314IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB EXAR-XRT83VSH316IB Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB EXAR-XRT83VSH316IB Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83VSH314IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314 EXAR-XRT83SH314 Datasheet
1Mb / 100P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SH314_0610 EXAR-XRT83SH314_0610 Datasheet
1Mb / 101P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83SH38_0609 EXAR-XRT83SH38_0609 Datasheet
1Mb / 78P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com