Electronic Components Datasheet Search |
|
XRT84L38 Datasheet(PDF) 1 Page - Exar Corporation |
|
XRT84L38 Datasheet(HTML) 1 Page - Exar Corporation |
1 / 453 page Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com XRT84L38 OCTAL T1/E1/J1 FRAMER SEPTEMBER 2006 REV. 1.0.1 GENERAL DESCRIPTION The XRT84L38 is an eight-channel 1.544 Mbit/s or 2.048 Mbit/s DS1/E1/J1 framing controller. The XRT84L38 contains an integrated DS1/E1/J1 framer which provides DS1/E1/J1 framing and error accumulation in accordance with ANSI/ITU_T specifications. Each framer has its own framing synchronizer and transmit-receive slip buffers, and can be independently enabled or disabled as required and can be configured to frame to the common DS1/E1/J1 signal formats Each Framer block contains its own Transmit and Receive T1/E1/J1 Framing function including 3 HDLC controllers to support V5.2. Each Transmit HDLC controller encapsulates contents of the Transmit HDLC buffers into LAPD Message frames. Each Receive HDLC controller extracts payload content of Receive LAPD Message frames from the incoming T1/E1/J1 data stream and writes it into the Receive HDLC buffer. Each framer also contains a Transmit and Overhead Data Input port, which permits Data Link Terminal Equipment direct access to the outbound T1/E1/J1 frames Likewise, a Receive Overhead output data port permits Data Link Terminal Equipment direct access to the Data Link bits of the inbound T1/E1/J1 frames. The XRT84L38 fully meets all of the latest T1/E1/J1 specifications: ANSI T1/E1.107-1988, ANSI T1/ E1.403-1995, ANSI T1/E1.231-1993, ANSI T1/ E1.408-1990, AT&T TR 62411 (12-90) TR54016, and ITU G-703, G.704, G706 and G.733, AT&T Pub. 43801, and ETS 300 011, 300 233, JT G.703, JT G.704, JT G706, I.431. Extensive test and diagnostic functions include Loop-backs, Boundary scan, Pseudo Random bit sequence (PRBS) test pattern generation, Performance Monitor, Bit Error Rate (BER) meter, forced error insertion, and LAPD unchannelized data payload processing according to ITU-T standard Q.921. Applications and Features (next page) FIGURE 1. XRT84L38 8-CHANNEL DS1 (T1/E1/J1) FRAMER Performance Monitor PRBS Generator & Analyser HDLC (LAPD) Controller & 96-byte Buffer LIU & Loopback Control DMA Interface Signaling & Alarms JTAG WR ALE_AS RD RDY_DTACK Channel Select A[6:0] D[7:0] Interrupt Memory Microprocessor Interface Intel/Motorola µP Configuration, Control & Status Monitor 4 3 Tx Serial Clock Rx Serial Clock 8kHz sync OSC Back Plane 1.544-16.384 Mbit/s Local PCM Highway 2-Frame Slip Buffer Elastic Store Tx Serial Data In Tx Encoder LIU Interface 2-Frame Slip Buffer Elastic Store Rx Encoder LIU Interface Rx Framer Rx Serial Data Out RxPOS 8 RxNEG 8 RxLineCLK 8 TxPOS 8 TxNEG 8 TxLineCLK 8 External Data Link Controller Tx Overhead In Rx Overhead Out XRT84L38 1 of 8-channels Tx Framer LLB LB 8 8 TPOS TNEG TCLK1 RPOS RNEG RCLK1 µP Interface Tx1 Rx1 Rx8 Tx8 8-CH T1/E1/LIU Host Mode XRT83L38 Twisted Pair Twisted Pair System (Terminal) Side Line Side 8 DS1/E1 Channels 1.544/2.048 MHz |
Similar Part No. - XRT84L38 |
|
Similar Description - XRT84L38 |