Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV0021 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # EV0021
Description  High Efficiency White LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0021 Datasheet(HTML) 8 Page - Monolithic Power Systems

  EV0021 Datasheet HTML 1Page - Monolithic Power Systems EV0021 Datasheet HTML 2Page - Monolithic Power Systems EV0021 Datasheet HTML 3Page - Monolithic Power Systems EV0021 Datasheet HTML 4Page - Monolithic Power Systems EV0021 Datasheet HTML 5Page - Monolithic Power Systems EV0021 Datasheet HTML 6Page - Monolithic Power Systems EV0021 Datasheet HTML 7Page - Monolithic Power Systems EV0021 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MP1521
High Efficiency
White LED Driver
MP1521 Rev 2.7
Monolithic Power Systems, Inc.
8
10/06/04
983 University Ave, Building A, Los Gatos, CA 95032 USA
© 2004 MPS, Inc.
Tel: 408-357-6600
Fax: 408-357-6601 www.monolithicpower.com
Monolithic Power Systems
Package Information
MSOP10
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
SEE DETAIL "A"
0.004(0.100)
0.008(0.200)
GATE PLANE 0.010(0.250)
0.017(0.400)
0.025(0.600)
0o-6o
DETAIL "A"
0.014(0.350)TYP
0.014(0.350)TYP
0.114(2.900)
0.122(3.100)
0.032(0.800)
0.044(1.100)
0.008(0.200)REF
0.030(0.750)
0.038(0.950)
0.002(0.050)
0.006(0.150)
0.0197(0.500)TYP
PIN 1
IDENT
.
0.114(2.900)
0.122(3.100)
0.184(4.700)
0.200(5.100)
QFN16 (3 x 3)
3.00
(0.118)
BSC
0.18 (0.007)
0.28 (0.011)
0.550 (0.0217)
0.450 (0.0177)
1.400 (0.055)
1.700 (0.067)
exp. pad
NOTE:
1) Control dimension is in millimeters. Dimension in bracket is inch.
3.00 (0.118)
BSC
Pin 1
Identification
0.178 (0.007)
0.228 (0.009)
0.90 (0.035)
1.00 (0.039)
0.00 (0.000)
0.05 (0.002)
Pin 1
Identification
1.500
(0.059)
Ref.
16
1
4
5
8
9
12
13
Bottom
View
0.450 (0.0177)
0.350 (0.0138)
NOTICE:
MPS believes the information in this document to be accurate and reliable. However, it is subject to change
without notice. Please contact the factory for current specifications. No responsibility is assumed by MPS for its use or fit to
any application, nor for infringement of patent or other rights of third parties.


Similar Part No. - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV0021 ETC-EV0021 Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
Monolithic Power System...
EV0021 MPS-EV0021 Datasheet
200Kb / 4P
   MP1521 High Efficiency White LED Driver
More results

Similar Description - EV0021

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com