Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL3X Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT86VL3X
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL3X Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT86VL3X Datasheet HTML 4Page - Exar Corporation XRT86VL3X Datasheet HTML 5Page - Exar Corporation XRT86VL3X Datasheet HTML 6Page - Exar Corporation XRT86VL3X Datasheet HTML 7Page - Exar Corporation XRT86VL3X Datasheet HTML 8Page - Exar Corporation XRT86VL3X Datasheet HTML 9Page - Exar Corporation XRT86VL3X Datasheet HTML 10Page - Exar Corporation XRT86VL3X Datasheet HTML 11Page - Exar Corporation XRT86VL3X Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 153 page
background image
XRT86VL3X
V
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
REV. 1.2.2
Figure 59.: Process Block for Automatic Loop Code Detection ....................................................................................... 56
Figure 60.: Simplified Block Diagram of the RxMUTE Function ...................................................................................... 57
Figure 61.: Interfacing the Transmit Path to local terminal equipment ............................................................................. 58
Figure 63.: Waveforms for connecting the Transmit Payload Data Input Interface Block to local Terminal Equipment .. 59
Figure 62.: Interfacing the Receive Path to local terminal equipment .............................................................................. 59
Figure 64.: Waveforms for connecting the Receive Payload Data Input Interface Block to local Terminal Equipment ... 60
Figure 65.: Transmit Non-Multiplexed High-Speed Connection to local terminal equipment using MVIP 2.048Mbit/s,
4.096Mbit/s, or 8.192Mbit/s ............................................................................................................................... 61
Figure 66.: Receive Non-Multiplexed High-Speed Connection to local terminal equipment using MVIP 2.048Mbit/s,
4.096Mbit/s, or 8.192Mbit/s ............................................................................................................................... 61
Figure 67.: Waveforms for Connecting the Transmit Non-Multiplexed High-Speed Input Interface at MVIP 2.048Mbit/s,
4.096Mbit/s, and 8.192Mbit/s ............................................................................................................................ 62
Figure 68.: Waveforms for Connecting the Receive Non-Multiplexed High-Speed Input Interface at MVIP 2.048Mbit/s,
4.096Mbit/s, and 8.192Mbit/s ............................................................................................................................ 62
Figure 69.: Interfacing XRT86VL3x Transmit to local terminal equipment using 16.384Mbit/s, HMVIP 16.384Mbit/s, and
H.100 16.384Mbit/s ........................................................................................................................................... 66
Figure 70.: Timing signal when the framer is running at Bit-Multiplexed 16.384Mbit/s mode .......................................... 66
Figure 71.: Waveforms for Connecting the Transmit Multiplexed High-Speed Input Interface at HMVIP And H.100
16.384Mbit/s mode ............................................................................................................................................ 67
Figure 72.: Interfacing XRT86VL3x Receive to local terminal equipment using 16.384Mbit/s, HMVIP 16.384Mbit/s, and
H.100 16.384Mbit/s ........................................................................................................................................... 68
Figure 73.: Timing Signal When the Receive Framer is running at 16.384MHz Bit-Mulitplexed Mode ........................... 68
Figure 74.: Timing Signal wehn the Receive Framer is Running at HMVIP and H100 16.384MHz Mode ...................... 68
Figure 75.: Timing Diagram of the TxSIG Input ............................................................................................................... 70
Figure 76.: Timing Diagram of the RxSIG Output ............................................................................................................ 70
Figure 77.: Interfacing the Transmit Path to local terminal equipment ............................................................................. 71
Figure 79.: Waveforms for connecting the Transmit Payload Data Input Interface Block to local Terminal Equipment .. 72
Figure 78.: Interfacing the Receive Path to local terminal equipment .............................................................................. 72
Figure 80.: Waveforms for connecting the Receive Payload Data Input Interface Block to local Terminal Equipment ... 73
Figure 81.: Transmit Non-Multiplexed High-Speed Connection to local terminal equipment using MVIP 2.048Mbit/s,
4.096Mbit/s, or 8.192Mbit/s ............................................................................................................................... 74
Figure 83.: Waveforms for Connecting the Transmit Non-Multiplexed High-Speed Input Interface at MVIP 2.048Mbit/s,
4.096Mbit/s, and 8.192Mbit/s ............................................................................................................................ 75
Figure 82.: Receive Non-Multiplexed High-Speed Connection to local terminal equipment using MVIP 2.048Mbit/s,
4.096Mbit/s, or 8.192Mbit/s ............................................................................................................................... 75
Figure 84.: Waveforms for Connecting the Receive Non-Multiplexed High-Speed Input Interface at MVIP 2.048Mbit/s,
4.096Mbit/s, and 8.192Mbit/s ............................................................................................................................ 76
Figure 85.: Interfacing XRT86VL3x Transmit to local terminal equipment using 16.384Mbit/s, HMVIP 16.384Mbit/s, and
H.100 16.384Mbit/s ........................................................................................................................................... 78
Figure 86.: Timing Signals When the Transmit Framer is Running at 12.352 Bit-Multiplexed Mode ............................... 79
Figure 87.: Timing signals when the transmit framer is running at 16.384 Bit-Multiplexed mode .................................... 81
Figure 88.: Timing signals when the transmit framer is running at HMVIP / H.100 16.384MHz Mode ............................ 83
Figure 89.: Interfacing XRT86VL3x Receive to local terminal equipment using 16.384Mbit/s, HMVIP 16.384Mbit/s, and
H.100 16.384Mbit/s ........................................................................................................................................... 84
Figure 90.: Waveforms for Connecting the Receive Multiplexed High-Speed Input Interface at 12.352Mbit/s mode ..... 84
Figure 91.: Waveforms for Connecting the Receive Multiplexed High-Speed Input Interface at 16.384Mbit/s mode ..... 84
Figure 92.: Waveforms for Connecting the Receive Multiplexed High-Speed Input Interface at HMVIP and H.100 16.384Mbit/
s mode ............................................................................................................................................................... 85
Figure 93.: Timing Diagram of the TxSig_n Input ............................................................................................................ 87
Figure 94.: Simple Diagram of E1 system model ............................................................................................................. 97
Figure 95.: Generation of Yellow Alarm by the Repeater upon detection of line failure .................................................. 98
Figure 96.: Generation of AIS by the Repeater upon detection of line failure .................................................................. 99
Figure 97.: Generation of Yellow Alarm by the CPE upon detection of AIS originated by the Repeater ....................... 100
Figure 98.: Generation of CAS Multi-frame Yellow Alarm and AIS16 by the Repeater ................................................. 101
Figure 99.: Generation of CAS Multi-frame Yellow Alarm by the CPE upon detection of “AIS16” pattern sent by the Repeater
102
Figure 100.: Simple Diagram of DS1 System Model ..................................................................................................... 105
Figure 101.: Generation of Yellow Alarm by the CPE upon detection of line failure ...................................................... 106
Figure 102.: Generation of Yellow Alarm by the CPE upon detection of AIS originated by the Repeater ..................... 108
Figure 103.: Single E1 Frame Diagram ......................................................................................................................... 112


Similar Part No. - XRT86VL3X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X_0710 EXAR-XRT86VL3X_0710 Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results

Similar Description - XRT86VL3X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X_0710 EXAR-XRT86VL3X_0710 Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com