Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32IB Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 7Page - Exar Corporation XRT86VL32IB Datasheet HTML 8Page - Exar Corporation XRT86VL32IB Datasheet HTML 9Page - Exar Corporation XRT86VL32IB Datasheet HTML 10Page - Exar Corporation XRT86VL32IB Datasheet HTML 11Page - Exar Corporation XRT86VL32IB Datasheet HTML 12Page - Exar Corporation XRT86VL32IB Datasheet HTML 13Page - Exar Corporation XRT86VL32IB Datasheet HTML 14Page - Exar Corporation XRT86VL32IB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
XRT86VL32
8
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
TxSERCLK0/
TxLINECLK0
TxSERCLK2/
TxLINECLK2
A12
J15
I/O
12
Transmit Serial Clock (TxSERCLKn)/Transmit Line Clock
(TxSERCLKn):
The exact function of these pins depends on the mode of opera-
tion selected, as described below.
In Base-Rate Mode (1.544MHz/2.048MHz) - TxSERCLKn:
This clock signal is used by the transmit serial interface to latch
the contents on the TxSERn pins into the T1/E1 framer on the ris-
ing edge of TxSERCLKn. These pins can be configured as input
or output as described below.
When TxSERCLKn is configured as Input:
These pins will be inputs if the TxSERCLK is chosen as the timing
source for the transmit framer. Users must provide a 1.544MHz
clock rate to this input pin for T1 mode of operation, and
2.048MHz clock rate in E1 mode.
When TxSERCLKn is configured as Output:
These pins will be outputs if either the recovered line clock or the
MCLK PLL is chosen as the timing source for the T1/E1 transmit
framer. The transmit framer will output a 1.544MHz clock rate in
T1 mode of operation, and a 2.048MHz clock rate in E1 mode.
DS1/E1 High-Speed Backplane Modes* - TxSERCLKn as
INPUT ONLY
In this mode, TxSERCLK is an optional clock signal input which is
used as the timing source for the transmit line interface, and is
only required if TxSERCLK is chosen as the timing source for the
transmit framer. If TxSERCLK is chosen as the timing source, sys-
tem equipment should provide 1.544MHz (For T1 mode) or
2.048MHz (For E1 mode) to the TxSERCLKn pins on each chan-
nel. TxSERCLK is not required if either the recovered clock or
MCLK PLL is chosen as the timing source of the device.
High speed or multiplexed data is latched into the device using the
TxMSYNC/TxINCLK high-speed clock signal.
DS1 or E1 Framer Bypass Mode - TxLINECLKn
In this mode, TxSERCLKn is used as the transmit line clock (TxLI-
NECLK) to the LIU.
NOTE:
*High-speed backplane modes include (For T1/E1)
2.048MVIP, 4.096MHz, 8.192MHz, 16.384MHz HMVIP,
H.100,
Bit-multiplexed
modes,
and
(For
T1
only)
12.352MHz Bit-multiplexed mode.
NOTE: In DS1 high-speed modes, the DS-0 data is mapped into
an E1 frame by ignoring every fourth time slot (don’t
care).
NOTE: These 8 pins are internally pulled “High” for each channel.
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL#TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION


Similar Part No. - XRT86VL32IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32IB EXAR-XRT86VL32IB Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VL32IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL32_0709 EXAR-XRT86VL32_0709 Datasheet
372Kb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_1 Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38_0906 EXAR-XRT86VX38_0906 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com