Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2000 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2000_06 Datasheet HTML 1Page - Monolithic Power Systems MP2000_06 Datasheet HTML 2Page - Monolithic Power Systems MP2000_06 Datasheet HTML 3Page - Monolithic Power Systems MP2000_06 Datasheet HTML 4Page - Monolithic Power Systems MP2000_06 Datasheet HTML 5Page - Monolithic Power Systems MP2000_06 Datasheet HTML 6Page - Monolithic Power Systems MP2000_06 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
INITIAL RELEASE SPECIFICATIONS SUBJECT TO CHANGE
MP2000 Rev. 0.93
www.MonolithicPower.com
5
4/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 1.8V, VOUT = 1.2V, C1 = 2.2µF, C2 = 0.1µF, C3 = 4.7µF, TA = +25°C unless otherwise noted.
VEN
5V/div.
IO
100mA/div.
1ms/div.
MP2000-TPC07
Startup
VIN = 5V, IOUT = 130mA
MP2000-TPC08
Shutdown
VIN = 5V, IOUT = 130mA
VIN
5V/div.
IO
200mA/div.
1ms/div.
MP2000-TPC09
Current Limit
Protection
VIN = 5V, EN = 0V, IOUT = 90mA
1ms/div.
MP2000-TPC10
Power Ramp Up
VIN = 5V, EN = 0V, IOUT = 130mA
VOUT
1V/div.
VOUT
5V/div.
VIN
5V/div.
IO
200mA/div.
VOUT
5V/div.
VEN
5V/div.
IO
100mA/div.
VOUT
1V/div.


Similar Part No. - MP2000_06

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000DJ MPS-MP2000DJ Datasheet
146Kb / 3P
   Low Input Voltage 150mA Linear Regulator Evaluation Board
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
MP2000DJ-ADJ MPS-MP2000DJ-ADJ Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results

Similar Description - MP2000_06

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
146Kb / 3P
   Low Input Voltage 150mA Linear Regulator Evaluation Board
logo
Micrel Semiconductor
MIC5247 MICREL-MIC5247_06 Datasheet
323Kb / 11P
   150mA Low-Voltage 關Cap Linear Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
   150mA High Voltage Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
   150mA High Voltage Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com