Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2101 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2101
Description  1.6MHz Synchronous Step-Down plus 200mA LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2101 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2101 Datasheet HTML 1Page - Monolithic Power Systems MP2101 Datasheet HTML 2Page - Monolithic Power Systems MP2101 Datasheet HTML 3Page - Monolithic Power Systems MP2101 Datasheet HTML 4Page - Monolithic Power Systems MP2101 Datasheet HTML 5Page - Monolithic Power Systems MP2101 Datasheet HTML 6Page - Monolithic Power Systems MP2101 Datasheet HTML 7Page - Monolithic Power Systems MP2101 Datasheet HTML 8Page - Monolithic Power Systems MP2101 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP2101 – 1.6MHz SYNCHRONOUS STEP-DOWN PLUS 200mA LDO
MP2101 Rev. 1.0
www.MonolithicPower.com
5
8/18/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, VOUT1 = 1.8V, VOUT2 = 1.2V, CIN1 = 4.7µF, CIN2 = 1µF, CO1 = 10µF, CO2 = 1µF, L = 2.2µH,
TA = +25°C, unless otherwise noted.
EN
2V/div.
PWROK
2V/div.
VOUT1
1V/div.
VOUT2
1V/div.
EN
5V/div.
PWROK
5V/div.
VOUT1
1V/div.
VOUT2
1V/div.
Enable Turn On
EN = 3.6V, IOUT1 = 0.3A,
IOUT2 = 0.1A Resistive Load
Enable Turn Off
EN = 3.6V, IOUT1 = 0.3A,
IOUT2 = 0.1A Resistive Load
1.206
1.205
1.204
1.203
1.202
0
40
80
120
160
200
LOAD CURRENT (mA)
Output Voltage vs
Load Current
2.53
2.52
2.51
2.50
2.49
0
40
80
120
160
200
LOAD CURRENT (mA)
Output Voltage vs
Load Current
VOUT2 = 2.5V
1.56
1.54
1.52
1.50
1.48
0
40
80
120
160
200
LOAD CURRENT (mA)
Output Voltage vs
Load Current
VOUT2 = 1.5V
LDO
LDO
LDO
VIN=3.3V
VIN=3.3V
VIN=1.8V
FB1
FB2
0.62
0.61
0.60
0.59
0.58
-40
-10 +20 +50 +80
+140
+110
TEMPERATURE (
°C)
Feedback Voltage vs
Temperature
0.5
0.4
0.3
0.2
0.1
0.0
0
50
100
150
200
250
LOAD CURRENT (mA)
LDO Dropout vs
Load Current
1.8
1.7
1.6
1.5
1.4
1.3
4.0
4.4
4.8
5.2
5.6
6.0
INPUT VOLTAGE (V)
Frequency vs
Input Voltage
100
90
80
70
60
50
40
30
20
10
0
10
100
1K
10K 100K
1M
FREQUENCY (Hz)
PSRR vs
Frequency


Similar Part No. - MP2101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2101DQ MPS-MP2101DQ Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
More results

Similar Description - MP2101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2101DQ-00A MPS-EV2101DQ-00A Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3645 LINER-LT3645_15 Datasheet
306Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
   Dual synchronous step-down controller with adjustable output voltages plus LDO
logo
Linear Technology
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
logo
ACE Technology Co., LTD...
ACE7445LA ACE-ACE7445LA Datasheet
189Kb / 3P
   42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
logo
UNISEM
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
logo
Advanced Monolithic Sys...
AMS4123 AMS-AMS4123 Datasheet
590Kb / 18P
   3A 20V Step-Down Converter plus 1A LDO
logo
SHANGHAI BELLING CO., L...
BL9352A BELLING-BL9352A Datasheet
1Mb / 8P
   45V, 1.6MHz, 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com