Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR22 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # SR22
Description  2A, 32V, 330KHz Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SR22 Datasheet(HTML) 4 Page - Monolithic Power Systems

  SR22 Datasheet HTML 1Page - Monolithic Power Systems SR22 Datasheet HTML 2Page - Monolithic Power Systems SR22 Datasheet HTML 3Page - Monolithic Power Systems SR22 Datasheet HTML 4Page - Monolithic Power Systems SR22 Datasheet HTML 5Page - Monolithic Power Systems SR22 Datasheet HTML 6Page - Monolithic Power Systems SR22 Datasheet HTML 7Page - Monolithic Power Systems SR22 Datasheet HTML 8Page - Monolithic Power Systems SR22 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER
MP1591 Rev. 2.3
www.MonolithicPower.com
4
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
OPERATION
The MP1591 is a current mode step-down
regulator. It regulates input voltages from 6.5V
to 32V down to an output voltage as low as
1.230V and is able to supply up to 2A of load
current.
The MP1591 uses current-mode control to
regulate the output voltage. The output voltage
is measured at FB through a resistive voltage
divider and amplified through the internal error
amplifier.
The
output
current
of
the
transconductance error amplifier is presented at
COMP where a network compensates the
regulation control system.
The voltage at COMP is compared to the switch
current measured internally to control the output
voltage. The converter uses an internal
N-Channel MOSFET switch to step-down the
input voltage to the regulated output voltage.
Since the MOSFET requires a gate voltage
greater than the input voltage, a boost capacitor
connected between SW and BS drives the gate.
The capacitor is internally charged while SW is
low. An internal 10Ω switch from SW to GND is
used to insure that SW is pulled to GND when
the switch is off to fully charge the BS capacitor
LOCKOUT
COMPARATOR
ERROR
AMPLIFIER
FREQUENCY
FOLDBACK
COMPARATOR
INTERNAL
REGULATORS
1.8V
SLOPE
COMP
CLK
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SHUTDOWN
COMPARATOR
COMP
IN 2
EN 7
5
6
GND
4
OSCILLATOR
THERMAL
PROTECTION
35/330KHz
S
R
Q
SW
BS
M1
M2
1
+
REF
5V
8
Q
1.2V
+
+
2.60V/
2.35V
+
1.230V
0.7V
+
+
FB
--
--
--
--
--
--
3
Figure 1—Functional Block Diagram


Similar Part No. - SR22

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Chip Integration Techno...
SR22 CITC-SR22 Datasheet
150Kb / 3P
   2A Leaded Type Schottky Barrier Rectifiers
logo
Pan Jit International I...
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
SHENZHEN KOO CHIN ELECT...
SR22 KOOCHIN-SR22 Datasheet
271Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SR22 TRSYS-SR22 Datasheet
173Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
MP2374 MPS-MP2374 Datasheet
312Kb / 11P
   6.5V-32V Input, 1A, 330kHz Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
   2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com