Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2105DJ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2105DJ
Description  1MHz, 800mA Synchronous Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2105DJ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2105DJ Datasheet HTML 1Page - Monolithic Power Systems MP2105DJ Datasheet HTML 2Page - Monolithic Power Systems MP2105DJ Datasheet HTML 3Page - Monolithic Power Systems MP2105DJ Datasheet HTML 4Page - Monolithic Power Systems MP2105DJ Datasheet HTML 5Page - Monolithic Power Systems MP2105DJ Datasheet HTML 6Page - Monolithic Power Systems MP2105DJ Datasheet HTML 7Page - Monolithic Power Systems MP2105DJ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP2105
1MHz, 800mA Synchronous
Step-Down Converter
MP2105 Rev. 1.2
www.MonolithicPower.com
1
8/19/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2105 is a 1MHz constant frequency,
current mode, PWM step-down converter. The
device integrates a main switch and a
synchronous rectifier for high efficiency without
an external Schottky diode. It is ideal for
powering portable equipment that runs from a
single cell Lithium-Ion (Li+) battery. The
MP2105 can supply 800mA of load current from
a 2.5V to 6V input voltage. The output voltage
can be regulated as low as 0.6V. The MP2105
can also run at 100% duty cycle for low dropout
applications.
The MP2105 is available in a low profile (1mm)
5-pin, TSOT package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2105DJ-00A
2.0”X x 2.0”Y x 0.5”Z
FEATURES
• High Efficiency: Up to 95%
• 1MHz Constant Switching Frequency
• 800mA Available Load Current
• 2.5V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• 100% Duty Cycle in Dropout
• Current Mode Control
• Short Circuit Protection
• Thermal Fault Protection
• <0.1µA Shutdown Current
• Space Saving 5-Pin TSOT23 Package
APPLICATIONS
• Cellular and Smart Phones
• Microprocessors and DSP Core Supplies
• PDAs
• MP3 Players
• Digital Still and Video Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2105
SW
FB
3
5
EN
GND
2
IN
1
4
OUTPUT
1.8V
800mA
INPUT
2.5V to 6V
MP2105_TAC_S01
OFF ON
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP2105-EC01
Efficiency vs
Load Current
VIN = 3.3V
VIN = 4.2V


Similar Part No. - MP2105DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2105DJ MPS-MP2105DJ Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
MP2105DJ MPS-MP2105DJ Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - MP2105DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
   800mA 1.5MHz Synchronous Step-Down Converter
April 2021
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
logo
Eutech Microelectronics...
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
   4A, 1MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com