Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL38 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT86VL38
Description  OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL38 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT86VL38 Datasheet HTML 7Page - Exar Corporation XRT86VL38 Datasheet HTML 8Page - Exar Corporation XRT86VL38 Datasheet HTML 9Page - Exar Corporation XRT86VL38 Datasheet HTML 10Page - Exar Corporation XRT86VL38 Datasheet HTML 11Page - Exar Corporation XRT86VL38 Datasheet HTML 12Page - Exar Corporation XRT86VL38 Datasheet HTML 13Page - Exar Corporation XRT86VL38 Datasheet HTML 14Page - Exar Corporation XRT86VL38 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
XRT86VL38
6
REV. V1.2.0
OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
DESCRIPTION OF THE CONTROL REGISTERS - T1 MODE
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX
Control Registers (0xn100 - 0xn1FF)
Clock and Select Register
CSR
0xn100
Line Interface Control Register
LICR
0xn101
General Purpose Input/Output Control 0
GPIOCR0
0x0102
General Purpose Input/Output Control 1
GPIOCR1
0x4102
Reserved
-
0xn103 - 0xn106
Framing Select Register
FSR
0xn107
Alarm Generation Register
AGR
0xn108
Synchronization MUX Register
SMR
0xn109
Transmit Signaling and Data Link Select Register
TSDLSR
0xn10A
Framing Control Register
FCR
0xn10B
Receive Signaling & Data Link Select Register
RSDLSR
0xn10C
Receive Signaling Change Register 0
RSCR0
0xn10D
Receive Signaling Change Register 1
RSCR1
0xn10E
Receive Signaling Change Register 2
RSCR2
0xn10F
Reserved - E1 mode only
-
0xn110 -
0xn111
Receive In-Frame Register
RIFR
0xn112
Data Link Control Register 1
DLCR1
0xn113
Transmit Data Link Byte Count Register 1
TDLBCR1
0xn114
Receive Data Link Byte Count Register 1
RDLBCR1
0xn115
Slip Buffer Control Register
SBCR
0xn116
FIFO Latency Register
FIFOLR
0xn117
DMA 0 (Write) Configuration Register
D0WCR
0xn118
DMA 1 (Read) Configuration Register
D1RCR
0xn119
Interrupt Control Register
ICR
0xn11A
LAPD Select Register
LAPDSR
0xn11B
Customer Installation Alarm Generation Register
CIAGR
0xn11C
Performance Report Control Register
PRCR
0xn11D
Gapped Clock Control Register
GCCR
0xn11E
Transmit Interface Control Register
TICR
0xn120
PRBS Control & Status - Register 0
PRBSCSR0
0xn121


Similar Part No. - XRT86VL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL38IB EXAR-XRT86VL38IB Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VL38

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com