Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L31 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT94L31
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L31 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT94L31 Datasheet HTML 4Page - Exar Corporation XRT94L31 Datasheet HTML 5Page - Exar Corporation XRT94L31 Datasheet HTML 6Page - Exar Corporation XRT94L31 Datasheet HTML 7Page - Exar Corporation XRT94L31 Datasheet HTML 8Page - Exar Corporation XRT94L31 Datasheet HTML 9Page - Exar Corporation XRT94L31 Datasheet HTML 10Page - Exar Corporation XRT94L31 Datasheet HTML 11Page - Exar Corporation XRT94L31 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
XRT94L31
8
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
REV. 1.0.1
U2
RXLDAT_R_P
I
LVPEC
L
Receive STS-3/STM-1 Data - Positive Polarity PECL Input - Redun-
dant Port:
This input pin, along with RXLDAT_R_N functions as the Recovered
Data Input, from the Optical Transceiver or as the Receive Data Input
from the system back-plane.
NOTE: For APS (Automatic Protection Switching) purposes, this input
pin, along with RXLDAT_R_N functions as the Redundant
Receive STS-3/STM-1 Data Input Port.
U1
RXLDAT_R_N
I
LVPEC
L
Receive STS-3/STM-1 Data - Negative Polarity PECL Input - Redun-
dant Port:
This input pin, along with RXLDAT_R_P functions as the Recovered
Data Input, from the Optical Transceiver or as the Receive Data Input
from the system back-plane.
NOTE: For APS (Automatic Protection Switching) purposes, this input
pin, along with RXLDAT_R_N functions as the Redundant
Receive STS-3/STM-1 Data Input Port.
AE27
RXCLK_19MHZ
O
CMOS
19.44MHz Recovered Output Clock:
This pin outputs a 19.44MHz clock signal that has been derived from the
incoming STS-3/STM-1 LVPECL line signal (via the Receive STS-3/
STM-1 PECL Interface block) and has been extracted out and derived
by Clock and Data Recovery PLL (within the Receive STS-3/STM-1
PECL Interface block).
To operate the STS-3/STM-1 Interface of the XRT94L31 in the loop-tim-
ing mode, route this particular output signal through a narrow-band PLL
(in order to attenuate any jitter within this signal) prior to routing it to the
REFTTL input pin.
P3
REFCLK_P
I
LVPEC
L
Transmit Reference Clock - Positive Polarity PECL Input:
This input pin, along with REFCLK_N and REFTTL can be configured to
function as the timing source for the STS-3/STM-1 Transmit Interface
Block.
If these two input pins are configured to function as the timing source, a
155.52MHz clock signal must be applied to these input pins in the form
of a PECL signal. Configure these two inputs to function as the timing
source by writing the appropriate data into the Transmit Line Interface
Control Register (Address Location = 0x0383)
NOTE: If REFTTL clock input is used, set this pin to a logic "High"
P2
REFCLK_N
I
LVPEC
L
Transmit Reference Clock - Negative Polarity PECL Input:
This input pin, along with REFCLK_P and REFTTL can be configured to
function as the timing source for the STS-3/STM-1 Transmit Interface
Block.
If these two input pins are configured to function as the timing source,
then the user must apply a 155.52MHz clock signal, in the form of a
PECL signal to these input pins. These two inputscan be configured to
function as the timing source by writing the appropriate data into the
Transmit Line Interface Control Register (Address Location = 0x0383).
NOTE: Set this pin to a logic "Low" if REFTTL clock input is used
PIN DESCRIPTION OF THE XRT94L31 (REV. B)
PIN #
SIGNAL NAME
I/O
TYPE
DESCRIPTION


Similar Part No. - XRT94L31

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L31IB EXAR-XRT94L31IB Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
More results

Similar Description - XRT94L31

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L33 EXAR-XRT94L33_06 Datasheet
2Mb / 465P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com