Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L33 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Download  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT94L33_06 Datasheet HTML 6Page - Exar Corporation XRT94L33_06 Datasheet HTML 7Page - Exar Corporation XRT94L33_06 Datasheet HTML 8Page - Exar Corporation XRT94L33_06 Datasheet HTML 9Page - Exar Corporation XRT94L33_06 Datasheet HTML 10Page - Exar Corporation XRT94L33_06 Datasheet HTML 11Page - Exar Corporation XRT94L33_06 Datasheet HTML 12Page - Exar Corporation XRT94L33_06 Datasheet HTML 13Page - Exar Corporation XRT94L33_06 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 465 page
background image
XRT94L33
xr
Rev.1.2.0.
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
10
PIN #
SIGNAL NAME
I/O
SIGNAL
TYPE
DESCRIPTION
T2
RXLDAT_N
I
LVPECL
Receive STS-3/STM-1 Data – Negative Polarity PECL Input:
This input pin, along with RXLDAT_P functions as the
Recovered Data Input, from the Optical Transceiver or as the
Receive Data Input from the system back-plane.
Note:
For APS (Automatic Protection Switching) purposes,
this input pin, along with “RXLDAT_P” functions as the
“Primary Receive STS-3/STM-1 Data Input Port”
U2
RXLDAT_R_P
I
LVPECL
Receive STS-3/STM-1 Data – Positive Polarity PECL Input –
Redundant Port:
This input pin, along with “RXLDAT_R_N” functions as the
Recovered Data Input, from the Optical Transceiver or as the
Receive Data Input from the system back-plane.
Note:
For APS (Automatic Protection Switching) purposes,
this input pin, along with “RXLDAT_R_N” functions as
the “Redundant Receive STS-3/STM-1 Data Input
Port”.
U1
RXLDAT_R_N
I
LVPECL
Receive STS-3/STM-1 Data – Negative Polarity PECL Input –
Redundant Port:
This input pin, along with “RXLDAT_R_P” functions as the
Recovered Data Input, from the Optical Transceiver or as the
Receive Data Input from the system back-plane.
Note:
For APS (Automatic Protection Switching) purposes,
this input pin, along with “RXLDAT_R_N” functions as
the “Redundant Receive STS-3/STM-1 Data Input
Port”.
AE27
RXCLK_19MHZ
O
CMOS
19.44MHz Recovered Output Clock:
This pin outputs a 19.44MHz clock signal that has been derived
from the incoming STS-3/STM-1 line signal (via the Receive
STS-3/STM-1 Clock and Data Recovery PLL).
If the user wishes to operate the STS-3/STM-1 Interface in the
“loop-timing” mode, then the user should route this particular
signal through a “narrow-band” PLL (in order to attenuate any
jitter within this signal) prior to routing it to the REFTTL input pin.
P3
REFCLK_P
I
LVPECL
Transmit Reference Clock – Positive Polarity PECL Input:
This input pin, along with “REFCLK_N” and “REFTTL” can be
configured to function as the timing source for the STS-3/STM-1
Transmit Interface Block.
If the user configures these two input pins to function as the
timing source, then the user must apply a 155.52MHz clock
signal, in the form of a PECL signal to these input pins. The user
can configure these two inputs to function as the timing source
by writing the appropriate data into the “Transmit Line Interface
Control Register “ (Address Location = 0x0383)
Note:
Users should set this pin to “1” if “REFTTL” clock input
is used


Similar Part No. - XRT94L33_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
More results

Similar Description - XRT94L33_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com