Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT94L33 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT94L33
Description  3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
Download  465 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT94L33 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT94L33 Datasheet HTML 2Page - Exar Corporation XRT94L33 Datasheet HTML 3Page - Exar Corporation XRT94L33 Datasheet HTML 4Page - Exar Corporation XRT94L33 Datasheet HTML 5Page - Exar Corporation XRT94L33 Datasheet HTML 6Page - Exar Corporation XRT94L33 Datasheet HTML 7Page - Exar Corporation XRT94L33 Datasheet HTML 8Page - Exar Corporation XRT94L33 Datasheet HTML 9Page - Exar Corporation XRT94L33 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 465 page
background image
XRT94L33
xr
Rev.1.2.0.
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC DATA SHEET
6
PIN #
SIGNAL NAME
I/O
SIGNAL
TYPE
DESCRIPTION
AC18
PRD_L/
DS*/
WE*
I
TTL
READ Strobe /Data Strobe:
The exact function of this input pin depends upon which mode
the Microprocessor Interface has been configured to operate in,
as described below.
Intel-Asynchronous Mode – RD* - READ Strobe Input:
If the Microprocessor Interface is operating in the Intel-
Asynchronous Mode, then this input pin will function as the RD*
(Active Low READ Strobe) input signal from the Microprocessor.
Once this active-low signal is asserted, then the XRT94L33 will
place the contents of the addressed register (or buffer location)
on the Microprocessor Bi-directional Data Bus (D[7:0]). When
this signal is negated, the Data Bus will be tri-stated.
Motorola-Asynchronous (68K) Mode – DS* - Data Strobe
Input:
If the Microprocessor Interface is operating in the Motorola
Asynchronous Mode, then this input will function as the DS*
(Data Strobe) input signal.
PowerPC 403 Mode – WE* - Write Enable Input:
If the Microprocessor Interface is operating in the PowerPC 403
Mode, then this input pin will function as the WE* (Write Enable)
input pin.
Anytime the Microprocessor Interface samples this active-low
input signal (along with CS* and WR*/R/W*) also being asserted
(at a logic level) upon the rising edge of PCLK, then the
Microprocessor Interface will (upon the very same rising edge of
PCLK) latch the contents on the Bi-Directional Data Bus (D[7:0])
into the “target” on-chip register or buffer location within the
XRT94L33.


Similar Part No. - XRT94L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33 Datasheet
51Kb / 2P
   highly integrated SONET/SDH terminator
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
More results

Similar Description - XRT94L33

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT94L31 EXAR-XRT94L31_07 Datasheet
1Mb / 133P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER IC
XRT94L31 EXAR-XRT94L31 Datasheet
52Kb / 4P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
   -CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_2 Datasheet
3Mb / 810P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SDH REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
   3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
   SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Infineon Technologies A...
PEB1760 INFINEON-PEB1760 Datasheet
206Kb / 2P
   Mapper/Framer for STM-4/STS-12 and STM-1/STS-3
2003-07-01
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com