Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2358DQ Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2358DQ
Description  2A, 23V, 370KHz Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2358DQ Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP2358DQ Datasheet HTML 1Page - Monolithic Power Systems MP2358DQ Datasheet HTML 2Page - Monolithic Power Systems MP2358DQ Datasheet HTML 3Page - Monolithic Power Systems MP2358DQ Datasheet HTML 4Page - Monolithic Power Systems MP2358DQ Datasheet HTML 5Page - Monolithic Power Systems MP2358DQ Datasheet HTML 6Page - Monolithic Power Systems MP2358DQ Datasheet HTML 7Page - Monolithic Power Systems MP2358DQ Datasheet HTML 8Page - Monolithic Power Systems MP2358DQ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MP2358 – 2A, 23V, 370KHz STEP-DOWN CONVERTER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2358 Rev. 1.3
www.MonolithicPower.com
9
3/23/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
QFN10 (3mm x 3mm)
2.95
3.05
2.95
3.05
QFN10L
(3 x3mm)
Top View
Pin1
Identif ication
0.85
0.95
0.000-
0.050
0.178
0.228
SideView
Note:
1)Dimensionsareinmillimeters.
Pin 1
Identif ication
R0.200TYP
2.000
Ref
2.35
2.45
Exp.DAP
1.65
1.75
Exp.DAP
0.500
Bsc
0.20
0.30
0.35
0.45
BottomView
10
65
1
SOIC8
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
0.016(0.410)
0.050(1.270)
0o-8o
DETAIL "A"
0.011(0.280)
0.020(0.508)
x 45o
SEE DETAIL "A"
0.0075(0.191)
0.0098(0.249)
0.229(5.820)
0.244(6.200)
SEATING PLANE
0.001(0.030)
0.004(0.101)
0.189(4.800)
0.197(5.004)
0.053(1.350)
0.068(1.730)
0.049(1.250)
0.060(1.524)
0.150(3.810)
0.157(4.000)
PIN 1 IDENT.
0.050(1.270)BSC
0.013(0.330)
0.020(0.508)


Similar Part No. - MP2358DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2358DQ MPS-MP2358DQ Datasheet
212Kb / 4P
   2A, 23V, 370KHz Step-Down Converter Evaluation Board
More results

Similar Description - MP2358DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2358DQ-00A MPS-EV2358DQ-00A Datasheet
212Kb / 4P
   2A, 23V, 370KHz Step-Down Converter Evaluation Board
EV2358DS-00A MPS-EV2358DS-00A Datasheet
203Kb / 4P
   2A, 23V, 370KHz Step-Down Converter Evaluation Board
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
   2A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
   2A, 23V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
   2A, 23V, 380KHz Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com