Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L2550IJ Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16L2550IJ
Description  LOW VOLTAGE DUART WITH 16-BYTE FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2550IJ Datasheet(HTML) 3 Page - Exar Corporation

  XR16L2550IJ Datasheet HTML 1Page - Exar Corporation XR16L2550IJ Datasheet HTML 2Page - Exar Corporation XR16L2550IJ Datasheet HTML 3Page - Exar Corporation XR16L2550IJ Datasheet HTML 4Page - Exar Corporation XR16L2550IJ Datasheet HTML 5Page - Exar Corporation XR16L2550IJ Datasheet HTML 6Page - Exar Corporation XR16L2550IJ Datasheet HTML 7Page - Exar Corporation XR16L2550IJ Datasheet HTML 8Page - Exar Corporation XR16L2550IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
XR16L2550
3
REV. 1.1.2
LOW VOLTAGE DUART WITH 16-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME
32-QFN
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
18
19
20
29
30
31
26
27
28
I
Address data lines [2:0]. These 3 address lines select one of the
internal registers in UART channel A/B during a data bus transac-
tion.
D7
D6
D5
D4
D3
D2
D1
D0
2
1
32
31
30
29
28
27
9
8
7
6
5
4
3
2
3
2
1
48
47
46
45
44
IO
Data bus lines [7:0] (bidirectional).
IOR#
14
24
19
I
Input/Output Read Strobe (active low). The falling edge instigates
an internal read cycle and retrieves the data byte from an internal
register pointed to by the address lines [A2:A0]. The data byte is
placed on the data bus to allow the host processor to read it on
the rising edge.
IOW#
12
20
15
I
Input/Output Write Strobe (active low). The falling edge instigates
an internal write cycle and the rising edge transfers the data byte
on the data bus to an internal register pointed by the address
lines.
CSA#
7
16
10
I
UART channel A select (active low) to enable UART channel A in
the device for data bus operation.
CSB#
8
17
11
I
UART channel B select (active low) to enable UART channel B in
the device for data bus operation.
INTA
22
33
30
O
UART channel A Interrupt output. The output state is defined by
the user and through the software setting of MCR[3]. INTA is set
to the active mode (active high) and OP2A# output to a logic 0
when MCR[3] is set to a logic 1. INTA is set to the three state
mode and OP2A# to a logic 1 when MCR[3] is set to a logic 0
(Default).
INTB
21
32
29
O
UART channel B Interrupt output. The output state is defined by
the user and through the software setting of MCR[3]. INTB is set
to the active mode and OP2B# output to a logic 0 when MCR[3] is
set to a logic 1. INTB is set to the three state mode and OP2B# to
a logic 1 when MCR[3] is set to a logic 0 (Default).
TXRDYA#
-
1
43
O
UART channel A Transmitter Ready (active low). The output
provides the TX FIFO/THR status for transmit channel A. If
it is not used, leave it unconnected.
RXRDYA#
-
34
31
O
UART channel A Receiver Ready (active low). This output pro-
vides the RX FIFO/RHR status for receive channel A. If it is not
used, leave it unconnected.


Similar Part No. - XR16L2550IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2550IJ EXAR-XR16L2550IJ Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16L2550IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550 Datasheet
278Kb / 45P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550IL32-F EXAR-XR16M2550IL32-F Datasheet
1,023Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16M2550 EXAR-XR16M2550 Datasheet
1,018Kb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 16-BYTE FIFO
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550 Datasheet
910Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2550 EXAR-XR16V2550_07 Datasheet
1,015Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552 Datasheet
934Kb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com