Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT59L921 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT59L921
Description  TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L921 Datasheet(HTML) 2 Page - Exar Corporation

  XRT59L921 Datasheet HTML 1Page - Exar Corporation XRT59L921 Datasheet HTML 2Page - Exar Corporation XRT59L921 Datasheet HTML 3Page - Exar Corporation XRT59L921 Datasheet HTML 4Page - Exar Corporation XRT59L921 Datasheet HTML 5Page - Exar Corporation XRT59L921 Datasheet HTML 6Page - Exar Corporation XRT59L921 Datasheet HTML 7Page - Exar Corporation XRT59L921 Datasheet HTML 8Page - Exar Corporation XRT59L921 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
XRT59L921
2
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
REV. 1.2.1
NOTE: Refer to pin list for pin names.
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT59L921IB
316 Shrink Thin Ball Grid Array
(21.0 mm x 21.0 mm, STBGA)
-40°C to +85°C
FIGURE 2. PIN OUT OF THE XRT59L921 (BOTTOM VIEW)
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
o o o o o o o o o o o o o o o o o o o o
A
o o o o o o o o o o o o o o o o o o o o
B
o o o o o o o o o o o o o o o o o o o o
C
o o o o o o o o o o o o o o o o o o o o
D
o o o o o o o o o o o o o o o o o o o o
E
o o o o o
o o o o o
F
o o o o o
o o o o o
G
o o o o o
o o o o o
H
o o o o o
o o o o
o o o o o
J
o o o o o
o o o o
o o o o o
K
o o o o o
o o o o
o o o o o
L
o o o o o
o o o o
o o o o o M
o o o o o
o o o o o
N
o o o o o
o o o o o
P
o o o o o
o o o o o
R
o o o o o o o o o o o o o o o o o o o o
T
o o o o o o o o o o o o o o o o o o o o
U
o o o o o o o o o o o o o o o o o o o o
V
o o o o o o o o o o o o o o o o o o o o W
o o o o o o o o o o o o o o o o o o o o
Y


Similar Part No. - XRT59L921

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
XRT59L91ID EXAR-XRT59L91ID Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
More results

Similar Description - XRT59L921

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com