Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8025A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA8025A
Description  Low-voltage 1.8GHz fractional-N synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8025A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA8025A Datasheet HTML 6Page - NXP Semiconductors SA8025A Datasheet HTML 7Page - NXP Semiconductors SA8025A Datasheet HTML 8Page - NXP Semiconductors SA8025A Datasheet HTML 9Page - NXP Semiconductors SA8025A Datasheet HTML 10Page - NXP Semiconductors SA8025A Datasheet HTML 11Page - NXP Semiconductors SA8025A Datasheet HTML 12Page - NXP Semiconductors SA8025A Datasheet HTML 13Page - NXP Semiconductors SA8025A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Philips Semiconductors
Product specification
SA8025A
1.8GHz low-voltage Fractional-N synthesizer
1996 Oct 15
10
if PA = “1”: N = NA; with NA = 4 to 4095
Reference Divider
The input signal on REF_IN is amplified to logic level by a
single-ended CMOS input buffer, which accepts low level AC
coupled input signals. This input stage is enabled by the OR
function of the serial input bits EA and EM. Disabling means that all
currents in the input stage are switched off. The reference divider
consists of a programmable divider by NR (NR = 4 to 4095) followed
by a three bit binary counter. The 2 bit SM register (see Figure 7)
determines which of the 4 output pulses is selected as the main
phase detector input. The 2 bit SA register determines the selection
of the auxiliary phase detector signal.
Main Divider
The differential inputs are amplified (to internal ECL logic levels) and
provide excellent sensitivity (–20dBm at 1.7GHz) making the
prescaler ideally suited to directly interface to a VCO as integrated
on the Philips front-end devices including RF gain stage, VCO and
mixer. The internal four modulus prescaler feedback loop FB
controls the selection of the divide by ratios 64/65/68/73, and
reduces the minimum system division ratio below the typical value
required by standard dual modulus (64/65) devices.
This input stage is enabled when serial control bit EM = “1”.
Disabling means that all currents in the prescaler are switched off.
The main divider is built up by a 12 bit counter plus a sign bit.
Depending on the serial input values NM1, NM2, NM3, NM4 and the
prescaler select PR, the counter will select a prescaler ratio during a
number of input cycles according to Table 2 and Table 3.
The loading of the work registers NM1, NM2, NM3, NM4 and PR is
synchronized with the state of the main counter, to avoid extra
phase disturbance when switching over to another main divider ratio
as explained in the Serial Input Programming section.
At the completion of a main divider cycle, a main divider output
pulse is generated which will drive the main phase comparator.
Also, the fractional accumulator is incremented with NF. The
accumulator works modulo Q. Q is preset by the serial control bit
FMOD to 8 when FMOD = “1”. Each time the accumulator
overflows, the feedback to the prescaler will select one cycle using
prescaler ratio R2 instead of R1.
As shown above, this will increase the overall division ratio by 1 if
R2 = R1 + 1. The mean division ratio over Q main divider will then
be
NQ
+ N ) NF
Q
Programming a fraction means the prescaler with main divider will
divide by N or N + 1. The output of the main divider will be
modulated with a fractional phase ripple. This phase ripple is
proportional to the contents of the fractional accumulator FRD,
which is used for fractional current compensation.


Similar Part No. - SA8025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026DH PHILIPS-SA8026DH Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027DH PHILIPS-SA8027DH Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
SA8027W PHILIPS-SA8027W Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
More results

Similar Description - SA8025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
SA8016 PHILIPS-SA8016 Datasheet
252Kb / 20P
   2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com