Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZM24NB1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PZM24NB1
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM24NB1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PZM24NB1 Datasheet HTML 4Page - NXP Semiconductors PZM24NB1 Datasheet HTML 5Page - NXP Semiconductors PZM24NB1 Datasheet HTML 6Page - NXP Semiconductors PZM24NB1 Datasheet HTML 7Page - NXP Semiconductors PZM24NB1 Datasheet HTML 8Page - NXP Semiconductors PZM24NB1 Datasheet HTML 9Page - NXP Semiconductors PZM24NB1 Datasheet HTML 10Page - NXP Semiconductors PZM24NB1 Datasheet HTML 11Page - NXP Semiconductors PZM24NB1 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Jan 28
8
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
PACKAGE OUTLINE
UNIT
A1
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.50
0.35
0.26
0.10
3.1
2.7
1.7
1.3
0.95
e
1.9
3.0
2.5
0.33
0.23
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
SOT346
TO-236
SC-59
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.3
1.0
0.1
0.013
c
X
12
3
Plastic surface mounted package; 3 leads
SOT346
97-02-28


Similar Part No. - PZM24NB1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PZM24N KEXIN-PZM24N Datasheet
1Mb / 5P
   Zener Diodes
More results

Similar Description - PZM24NB1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com