Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8016WC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA8016WC
Description  2.5GHz low voltage fractional-N synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8016WC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA8016WC Datasheet HTML 6Page - NXP Semiconductors SA8016WC Datasheet HTML 7Page - NXP Semiconductors SA8016WC Datasheet HTML 8Page - NXP Semiconductors SA8016WC Datasheet HTML 9Page - NXP Semiconductors SA8016WC Datasheet HTML 10Page - NXP Semiconductors SA8016WC Datasheet HTML 11Page - NXP Semiconductors SA8016WC Datasheet HTML 12Page - NXP Semiconductors SA8016WC Datasheet HTML 13Page - NXP Semiconductors SA8016WC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
Product specification
SA8016
2.5GHz low voltage fractional-N synthesizer
1999 Nov 04
10
Main Output Charge Pumps and Fractional
Compensation Currents (see Figure 7)
The main charge pumps on pins PHP and PHI are driven by the
main phase detector and the charge pump current values are
determined by the current at pin RSET in conjunction with bits CP0,
CP1 in the B-word (see table of charge pump ratios). The fractional
compensation is derived from the current at RSET, the contents of
the fractional accumulator FRD and by the program value of the
FDAC. The timing for the fractional compensation is derived from
the main divider. The main charge pumps will enter speed up mode
after the A-word is set and strobe goes High. When strobe goes
Low, charge pump will exit speed up mode.
Principle of Fractional Compensation
The fractional compensation is designed into the circuit as a means
of reducing or eliminating fractional spurs that are caused by the
fractional phase ripple of the main divider. If ICOMP is the
compensation current and IPUMP is the pump current, then for each
charge pump:
IPUMP_TOTAL = IPUMP + ICOMP.
The compensation is done by sourcing a small current, ICOMP, see
Figure 8, that is proportional to the fractional error phase. For proper
fractional compensation, the area of the fractional compensation
current pulse must be equal to the area of the fractional charge
pump ripple. The width of the fractional compensation pulse is fixed
to 128 VCO cycles, the amplitude is proportional to the fractional
accumulator value and is adjusted by FDAC values (bits FC7–0 in
the B-word). The fractional compensation current is derived from the
main charge pump in that it follows all the current scaling through
external resistor setting, RSET, programming or speed-up operation.
For a given charge pump,
ICOMP = ( IPUMP / 128 ) * ( FDAC / 5*128) * FRD
FRD is the fractional accumulator value.
The target values for FDAC are: 128 for FMOD = 1 (modulo 5) and
80 for FMOD = 0 (modulo 8).
SR01416
REFERENCE R
MAIN M
DIVIDE RATIO
DETECTOR
OUTPUT
ACCUMULATOR
FRACTIONAL
COMPENSATION
CURRENT
OUTPUT ON
PUMP
N
N
N+1
N
N+1
24
1
3
0
PULSE
WIDTH
MODULATION
PULSE LEVEL
MODULATION
mA
µA
NOTE: For a proper fractional compensation, the area of the fractional compensation current pulse must be equal to the area of the charge pump ripple output.
Figure 7.
Waveforms for NF = 2 Modulo 5
→ fraction = 2/5
SR01682
fRF
1930.140 MHz
MAIN DIVIDER
N = 8042
FRACTIONAL
ACCUMULATOR
fREF
240 kHz
240.016 kHz
ICOMP
IPUMP
LOOP FILTER
& VCO
FMOD
NF
Figure 8.
Current Injection Concept


Similar Part No. - SA8016WC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SA80 MICROSEMI-SA80 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Leshan Radio Company
SA80 LRC-SA80 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Socay Electornics Co., ...
SA80 SOCAY-SA80 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
SA80 SOCAY-SA80 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Pan Jit International I...
SA80 PANJIT-SA80 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA8016WC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA7025 PHILIPS-SA7025 Datasheet
304Kb / 22P
   Low-voltage 1GHz fractional-N synthesizer
1996 Aug 6
SA7016 PHILIPS-SA7016 Datasheet
232Kb / 18P
   1.3GHz low voltage fractional-N synthesizer
1999 Nov 04
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com