Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7722DF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP7722DF
Description  2 x 20W Class D Stereo Single Ended Audio Amplifer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7722DF Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP7722DF Datasheet HTML 3Page - Monolithic Power Systems MP7722DF Datasheet HTML 4Page - Monolithic Power Systems MP7722DF Datasheet HTML 5Page - Monolithic Power Systems MP7722DF Datasheet HTML 6Page - Monolithic Power Systems MP7722DF Datasheet HTML 7Page - Monolithic Power Systems MP7722DF Datasheet HTML 8Page - Monolithic Power Systems MP7722DF Datasheet HTML 9Page - Monolithic Power Systems MP7722DF Datasheet HTML 10Page - Monolithic Power Systems MP7722DF Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP7722 – 2 x 20W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7722 Rev. 1.3
www.MonolithicPower.com
8
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The quality factor (Q) of the LC filter is important.
If this is too low output noise will increase, and if
this is too high then peaking may occur at high
signal frequencies reducing the passband
flatness. The circuit Q is set by the load
resistance (speaker resistance, typically 4Ω or
8Ω) and is calculated as:
R
L
f
2
R
L
Q
0
0
×
×
π
=
×
ω
=
Where
ω0 is the characteristic frequency in
radians per second and f0 is in Hz. Use a LC
filter with Q between 0.7 and 2.
The actual output ripple and noise is greatly
affected by the type of inductor and capacitor
used in the LC filter. Use a film capacitor and an
inductor with sufficient power handling capability
to supply the output current to the load. The
inductor
should
exhibit
soft
saturation
characteristics. If the inductor exhibits hard
saturation, it should operate well below the
saturation
current.
Gapped
ferrite,
MPP,
Powdered Iron or similar type toroidal cores are
recommended. If open or shielded bobbin ferrite
cores are used for multi-channel designs, make
sure that the start windings of each inductor line
up (all starts going toward SW pin or all starts
going toward the output) to prevent crosstalk or
other channel-to-channel interference.
Output Coupling Capacitors
The output AC coupling capacitors COUT1 and
COUT2 serve to block DC voltages and thus pass
only the amplified AC signal from the LC filter to
the load. The combination of the coupling
capacitor and the load resistance results in a
first-order high-pass filter. The values of COUT1
and COUT2 should be selected such that the
required minimum frequency is still allowed to
pass. The output corner frequency (-3dB point),
fOUT, can be calculated as:
OUT
LOAD
OUT
C
R
2
1
f
×
×
π
×
=
Set the output corner frequency at or below the
minimum required frequency.
The output coupling capacitor carries the full
load current, so the capacitor should be chosen
such that its ripple current rating is greater than
the maximum load current. Low ESR aluminum
electrolytic capacitors are recommended.
Input Coupling Capacitors
The input coupling capacitors CIN1 and CIN2 are
used to pass only the AC signal at the input. In
a typical system application, the source input
signal is typically centered around the circuit
ground, while the MP7722 input is at half the
power supply voltage (VDD/2). The input
coupling capacitors transmit the AC signal from
the source to the MP7722 while blocking the
DC
voltage.
Choose
the
input
coupling
capacitors such that the corner frequency (fIN) is
less than the passband frequency. The corner
frequency is calculated as:
IN
IN
IN
C
R
2
1
f
×
×
π
×
=
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source to
supply the power to the amplifier. A higher
power supply voltage allows more power to be
delivered to a given load resistance. However if
the
power
source
voltage
exceeds
the
maximum operating voltage of 24V, the
MP7722 may sustain permanent damage. It is
very important to bypass the power supply pins
with 1µF X7R ceramic capacitors.
Power Supply Pumping
It is also very important to bypass the power
supply with a large aluminum electrolytic
capacitor. It is recommended to use a value of
at least
2200µF. This is necessary to prevent
the supply voltage from getting pumped up to a
level that exceeds the absolute maximum
rating. Supply pumping occurs in single-ended
Class D amplifiers, and is caused by rapid
switch transitions where current is pumped
back up into the supply line. The large capacitor
is necessary to absorb this current and prevent
VDD from rising too high.


Similar Part No. - MP7722DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7722DF MPS-MP7722DF Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
MP7722DF MPS-MP7722DF Datasheet
433Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results

Similar Description - MP7722DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
   2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
   2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
   2 x 10W Class D Stereo Single Ended Audio Amplifer
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
   20W Class D Mono Single Ended Audio Amplifer
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
   Mini 20W Stereo Class D Single Ended Audio Amplifier
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com