Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA900 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA900 Datasheet HTML 1Page - NXP Semiconductors SA900 Datasheet HTML 2Page - NXP Semiconductors SA900 Datasheet HTML 3Page - NXP Semiconductors SA900 Datasheet HTML 4Page - NXP Semiconductors SA900 Datasheet HTML 5Page - NXP Semiconductors SA900 Datasheet HTML 6Page - NXP Semiconductors SA900 Datasheet HTML 7Page - NXP Semiconductors SA900 Datasheet HTML 8Page - NXP Semiconductors SA900 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
DO NOT DISTRIBUTE WITHOUT ECN DATED AFTER Sept 16, 1997
2
1997 Sept 16
853-
DESCRIPTION
The SA900 is a monolithic high performance, multi-function transmit
modulator for use in cellular radio applications, fabricated in QUBiC
BiCMOS technology. The SA900 features both analog (AMPS)
mode and complex, I/Q digital (NADC IS–136) mode quadrature
modulation functions, a PLL synthesizer with VCO, crystal oscillator,
programmable prescalers and Gilbert cell multiplier phase detector
with programmable charge pump output. The DUALTX output can
be used in DUAL mode cellular phone applications with the AMPS
and NADC modulation being applied to the I/Q baseband inputs.
The DUALTX output also provides 6-bit power control with 40dB of
gain control in 0.63dB steps. In addition, buffered crystal oscillator
programmable prescaler outputs are provided to support system
clock reference needs. Programming of the SA900 functions are
realized by a high speed 3-wire serial interface. The SA900 can be
programmed into a sleep mode (low current mode providing crystal
oscillator and Master Clock functions), a standby mode (providing
crystal oscillator, Master Clock, System Clock 1 and Transmit LO
buffer functions), and the AMPS mode and the DUAL mode
configurations.
FEATURES
V
CC = 4.0V
Tx output frequency = 900MHz
Direct modulation of RF
DUAL mode, on-chip PA control
I/Q modulator
Single sideband quadrature LO generation with no external
adjustments required
On-chip crystal oscillator with 3 buffered outputs
AMPS/TACS compatible
On-chip VCO
PIN CONFIGURATION
BE Package
45
46
47
48
1
2
3
4
5
6
7
13 14
15 16 17 18 19
25
26
27
28
29
30
42
43
44
31
32
33
34
35
36
20
21 22 23 24
8
9
10
11
12
39
40
41
37
38
GND
TXLO_2
TXLO_1
GND
Vcc
TANK_1
TANK_2
Vcc
PHSOUT
GND
XTAL_1
Vcc
GND
DUALTX
GND
Vcc
AMPSTX
GND
Vcc
GND
Vcc
Vcc
GND
IPEAK
SR00636
Figure 1. Pin Configuration
Selective power-down
– Low power AMPS/TACS mode
– Low power dual mode NADC
48-Pin TQFP package
APPLICATIONS
North American Digital Cellular (TDMA IS-136)
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
48-Pin Plastic Low Profile Quad Flat Package (LQFP)
-40 to +85
°C
SA900BE
SOT313-2


Similar Part No. - SA900

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA900(C)-G COMCHIP-SA900(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA900A(CA)-G COMCHIP-SA900A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA900A-HF COMCHIP-SA900A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
SA900ACA-HF COMCHIP-SA900ACA-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA900

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
   I&Q MODULATOR
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
   I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
   I&Q Modulator
REV. D
logo
Merrimac Industries, In...
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
   I&Q MODULATOR
logo
M/A-COM Technology Solu...
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960_15 Datasheet
61Kb / 2P
   I/Q Modulator
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018_15 Datasheet
129Kb / 2P
   I/Q Modulator
logo
Mini-Circuits
MIQA-21M MINI-MIQA-21M Datasheet
170Kb / 1P
   I&Q Modulator
JCIQ-176M MINI-JCIQ-176M Datasheet
162Kb / 1P
   I&Q Modulator
MIQA-91M MINI-MIQA-91M Datasheet
188Kb / 1P
   I&Q Modulator
logo
SYNERGY MICROWAVE CORPO...
SMP-2060 SYNERGY-SMP-2060 Datasheet
224Kb / 3P
   I & Q MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com