Electronic Components Datasheet Search |
|
C512G102F5G5CM Datasheet(PDF) 8 Page - Kemet Corporation |
|
C512G102F5G5CM Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com 6 CERAMIC MOLDED AXIAL & RADIAL PERFORMANCE CHARACTERISTICS GENERAL Working Voltage: C0G – 50, 100 & 200 Volts X7R – 50, 100 & 200 Volts Temperature Characteristics: C0G – 0 30 PPM/ºC from -55ºC to +125ºC X7R – 15% from -55ºC to +125ºC Capacitance To lerance: C0G – ±0.5 pF, ±1%, ±2%, ±5%, ±10%, ±20% (±0.5 pF is tightest available tolerance) X7R – ±10%, ±20%, -0 +100%, -20% +80% Construction: Monolithic block of ceramic dielectric with interdigitated internal electrodes, encapsulated in a molded case, and having axial or radial leads. Meets flame test requirements of UL Standard 94V-0. Te rminal Strength: EIA-198 Method 303 Condition A (2.2 kg) ELECTRICAL Capacitance: Within specified tolerance when measured with 1 volt rms at 1 kHz (1000 pF or less at 1 MHz for C0G). Dissipation Factor: 25ºC at 1 kHz (1000 pF or less at 1 MHz for C0G). C0G – .15% maximum X7R – 2.5% maximum Insulation Resistance: After 2 minutes electrification at 25ºC and rated voltage C0G – 100K megohms or 1000 megohm - µF, whichever is less. X7R – 100K megohms or 1000 megohm - µF, whichever is less. Dielectric Withstanding Voltage: 250% of rated voltage for 5 seconds with current limited to 50 mA at 25ºC. Life Test: 2000 hours at 200% of rated voltage at 125ºC. Post-Test limits at 25ºC are: Capacitance Change: C0G – less than 3% or 0.25 pF, whichever is higher X7R – ±20% of initial value Dissipation Factor: C0G – .25% maximum X7R – 3.0% maximum Insulation Resistance: C0G – 10K megohms or 100 megohm - µF, whichever is less X7R – 10K megohms or 100 megohm - µF, whichever is less Dielectric Withstanding Voltage: 250% of rated voltage for 5 seconds with current limited to 50 mA. ENVIRONMENTAL Moisture Resistance: MIL-STD-202, Method 106, or EIA-198, Method 204, Condition A, except 20 cycles. Insulation Resistance: C0G – 10K megohms or 100 megohm - µF, whichever is less X7R – 10K megohms or 100 megohm - µF, whichever is less Dielectric Withstanding Voltage: 250% of rated voltage for 5 seconds with current limited to 50 mA. Immersion Cycling: MIL-STD-202, Method 104, Condition B. Post-Test limits at 25°C are: Insulation Resistance: C0G – 10K megohms or 100 megohm - µF, whichever is less X7R – 10K megohms or 100 megohm - µF, whichever is less Solderability: MIL-STD-202, Method 208, Sn62 solder, 245ºC for 5 1/2 seconds. Resistance to Soldering Heat: MIL-STD-202, Method 210, Condition B (260ºC, 10 secs). Depth of immersion — to a minimum of .050" from the capacitor body. Lead Material: Axial: Solder-coated copper clad steel Radial: Solder-coated copper |
Similar Part No. - C512G102F5G5CM |
|
Similar Description - C512G102F5G5CM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |