Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16C2850IJ Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16C2850IJ
Description  2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850IJ Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16C2850IJ Datasheet HTML 7Page - Exar Corporation XR16C2850IJ Datasheet HTML 8Page - Exar Corporation XR16C2850IJ Datasheet HTML 9Page - Exar Corporation XR16C2850IJ Datasheet HTML 10Page - Exar Corporation XR16C2850IJ Datasheet HTML 11Page - Exar Corporation XR16C2850IJ Datasheet HTML 12Page - Exar Corporation XR16C2850IJ Datasheet HTML 13Page - Exar Corporation XR16C2850IJ Datasheet HTML 14Page - Exar Corporation XR16C2850IJ Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
xr
XR16C2850
REV. 2.1.3
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
11
Typical oscillator connections are shown in Figure 4. For further reading on oscillator circuit please see
application note DAN108 on EXAR’s web site.
2.9
Programmable Baud Rate Generator
A single Baud Rate Generator (BRG) is provided for the transmitter and receiver, allowing independent TX/RX
channel control. The programmable Baud Rate Generator is capable of operating with a crystal frequency of
up to 24 MHz. However, with an external clock input on XTAL1 pin and a 2K ohms pull-up resistor on XTAL2
pin (as shown in Figure 5) it can extend its operation up to 50 MHz (3.125 Mbps serial data rate and 16X
sampling) at room temperature and 5.0V.
FIGURE 5. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
Each UART also has their own prescaler along with the BRG. The prescaler is controlled by CLKSEL hardware
pin or a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide the input crystal or
external clock by 1 or 4 and can override the CLKSEL pin following reset. The clock output of the prescaler
goes to the BRG. The BRG further divides this clock by a programmable divisor between 1 and (216 -1) to
obtain a 16X sampling rate clock of the serial data rate. The sampling rate clock is used by the transmitter for
data bit shifting and receiver for data sampling.
Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the
operating data rate. Table 5 shows the standard data rates available with a 14.7456 MHz crystal or external
clock at 16X sampling rate clock rate. A 16X sampling clock is typically used. However, user can select the 8X
sampling clock rate mode to double the operating data rate. When using a non-standard data rate crystal or
external clock, the divisor value can be calculated for DLL/DLM with the following equation.
FIGURE 6. BAUD RATE GENERATOR AND PRESCALER
2K
XTAL1
XTAL2
R1
VCC
External Clock
vcc
gnd
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL and DLM
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X
Sampling
Rate Clock to
Transmitter
Baud Rate
Generator
Logic


Similar Part No. - XR16C2850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850IJ EXAR-XR16C2850IJ Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
XR16C2850IJ-F EXAR-XR16C2850IJ-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850IJ44 EXAR-XR16C2850IJ44 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results

Similar Description - XR16C2850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852 EXAR-XR16C2852_05 Datasheet
853Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850CM-F EXAR-XR16C2850CM-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2852IJ-F EXAR-XR16C2852IJ-F Datasheet
859Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C2850IJ-F EXAR-XR16C2850IJ-F Datasheet
897Kb / 51P
   2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com