Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L788CQ Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16L788CQ
Description  HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L788CQ Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16L788CQ Datasheet HTML 4Page - Exar Corporation XR16L788CQ Datasheet HTML 5Page - Exar Corporation XR16L788CQ Datasheet HTML 6Page - Exar Corporation XR16L788CQ Datasheet HTML 7Page - Exar Corporation XR16L788CQ Datasheet HTML 8Page - Exar Corporation XR16L788CQ Datasheet HTML 9Page - Exar Corporation XR16L788CQ Datasheet HTML 10Page - Exar Corporation XR16L788CQ Datasheet HTML 11Page - Exar Corporation XR16L788CQ Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
XR16L788
xr
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
REV. 1.2.2
8
2.4
INT# Ouput
The INT# interrupt output changes according to the operating mode and enhanced features setup. Table 2
and 3 summarize the operating behavior for the transmitter and receiver.
2.5
CRYSTAL OSCILLATOR / BUFFER
The 788 includes an on-chip oscillator (XTAL1 and XTAL2). The crystal oscillator provides the system clock to
the Baud Rate Generators (BRG) in each of the 8 UARTs, the 16-bit general purpose timer/counter and
internal logics. XTAL1 is the input to the oscillator or external clock buffer input with XTAL2 pin being the
output. For programming details, see “Section 2.6, Programmable Baud Rate Generator” on page 9.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 3). Alternatively, an external
clock can be connected to the XTAL1 pin to clock the internal 8 baud rate generators for standard or custom
rates. Typically, the oscillator connections are shown in Figure 3. For further reading on oscillator circuit please
see application note DAN108 on EXAR’s web site.
TABLE 2: INT# PIN OPERATION FOR TRANSMITTER
Auto RS485
Mode
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INT# Pin
NO
HIGH = a byte in THR
LOW = THR empty
HIGH = FIFO above trigger level
LOW = FIFO below trigger level or FIFO empty
INT# Pin
YES
HIGH = a byte in THR
LOW = transmitter empty
HIGH = FIFO above trigger level
LOW = FIFO below trigger level or transmitter empty
TABLE 3: INT# PIN OPERATION FOR RECEIVER
FCR BIT-0 = 0
(FIFO DISABLED)
FCR BIT-0 = 1
(FIFO ENABLED)
INT# Pin
HIGH = no data
LOW = 1 byte
HIGH = FIFO below trigger level
LOW = FIFO above trigger level
FIGURE 3. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47pF
C2
22-47pF
14.7456
MHz
XTAL1
XTAL2
R=300K to 400K


Similar Part No. - XR16L788CQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788CQ EXAR-XR16L788CQ Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ EXAR-XR16L788CQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results

Similar Description - XR16L788CQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com