Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L788IQ Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16L788IQ
Description  HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L788IQ Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16L788IQ Datasheet HTML 2Page - Exar Corporation XR16L788IQ Datasheet HTML 3Page - Exar Corporation XR16L788IQ Datasheet HTML 4Page - Exar Corporation XR16L788IQ Datasheet HTML 5Page - Exar Corporation XR16L788IQ Datasheet HTML 6Page - Exar Corporation XR16L788IQ Datasheet HTML 7Page - Exar Corporation XR16L788IQ Datasheet HTML 8Page - Exar Corporation XR16L788IQ Datasheet HTML 9Page - Exar Corporation XR16L788IQ Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
XR16L788
xr
HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
REV. 1.2.2
6
NOTE: Pin type: I=Input, O=Output, IO= Input/output, OD=Output Open Drain.
RX7
31
I
UART channel 7 Receive Data or infrared receive data. Normal RXD input
idles HIGH. The infrared pulses can be inverted internally prior the decoder by
FCTR[4].
RTS7#
36
O
UART channel 7 Request to Send or general purpose output (active low). See
description of RTS0# pin.
CTS7#
32
I
UART channel 7 Clear to Send or general purpose input (active low). See
description of CTS0# pin.
DTR7#
37
O
UART channel 7 Data Terminal Ready or general purpose output (active low).
See description of DTR0# pin.
DSR7#
33
I
UART channel 7 Data Set Ready or general purpose input (active low). See
description of DSR0# pin.
CD7#
34
I
UART channel 7 Carrier Detect or general purpose input (active low).
RI7#
35
I
UART channel 7 Ring Indicator or general purpose input (active low).
ANCILLARY SIGNALS
XTAL1
82
I
Crystal or external clock input. Caution: this input is not 5V tolerant.
XTAL2
81
O
Crystal or buffered clock output.
TMRCK
14
I
16-bit timer/counter external clock input.
ENIR
15
I
Infrared mode enable (active high). This pin is sampled during power up, fol-
lowing a hardware reset (RST#) or soft-reset (register RESET). It can be
used to start up all 8 UARTs in the infrared mode. The sampled logic state is
transferred to MCR bit-6 in the UART.
RST#
1
I
Reset (active low). The configuration and UART registers are reset to default
values, see
Table 19.
16/68#
2
I
Intel or Motorola data bus interface select. The Intel bus interface is selected
when this input is HIGH and the Motorola bus interface is selected when this
input is LOW. This input affects the functionality of IOR#, IOW# and CS#
pins.
VCC
3,17,28,48,84
+2.97V to 5.5V supply with 5V tolerant inputs (except XTAL1).
GND
4,18,29,47,83
Power supply common, ground.
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR16L788IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ EXAR-XR16L788IQ Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
XR16L788IQ EXAR-XR16L788IQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788IQ EXAR-XR16L788IQ Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results

Similar Description - XR16L788IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com