Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16L2751CM Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16L2751CM
Description  2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2751CM Datasheet(HTML) 4 Page - Exar Corporation

  XR16L2751CM Datasheet HTML 1Page - Exar Corporation XR16L2751CM Datasheet HTML 2Page - Exar Corporation XR16L2751CM Datasheet HTML 3Page - Exar Corporation XR16L2751CM Datasheet HTML 4Page - Exar Corporation XR16L2751CM Datasheet HTML 5Page - Exar Corporation XR16L2751CM Datasheet HTML 6Page - Exar Corporation XR16L2751CM Datasheet HTML 7Page - Exar Corporation XR16L2751CM Datasheet HTML 8Page - Exar Corporation XR16L2751CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
XR16L2751
xr
2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
REV. 1.2.2
4
INTB
29
O
When 16/68# pin is HIGH for Intel bus interface, this output becomes channel B inter-
rupt output. The output state is defined by the user and through the software setting
of MCR[3]. INTB is set to the active mode and OP2B# output to a logic 0 when
MCR[3] is set to a logic 1. INTB is set to the three state mode and OP2B# to a logic 1
when MCR[3] is set to a logic 0. See MCR[3].
When 16/68# pin is LOW for Motorola bus interface, this output is not used and will
stay at logic zero level. Leave this output unconnected.
TXRDYA#
43
O
UART channel A Transmitter Ready (active low). The output provides the TX FIFO/
THR status for transmit channel A.
RXRDYA#
31
O
UART channel A Receiver Ready (active low). This output provides the RX FIFO/
RHR status for receive channel A.
TXRDYB#
6
O
UART channel B Transmitter Ready (active low). The output provides the TX FIFO/
THR status for transmit channel B.
RXRDYB#
18
O
UART channel B Receiver Ready (active low). This output provides the RX FIFO/
RHR status for receive channel B.
MODEM OR SERIAL I/O INTERFACE
TXA
7
O
UART channel A Transmit Data or infrared encoder data. Standard transmit and
receive interface is enabled when MCR[6] = 0. In this mode, the TX signal will be
HIGH during reset or idle (no data). Infrared IrDA transmit and receive interface is
enabled when MCR[6] = 1. In the Infrared mode, the inactive state (no data) for the
Infrared encoder/decoder interface is LOW. If it is not used, leave it unconnected.
RXA
5
I
UART channel A Receive Data or infrared receive data. Normal receive data input
must idle HIGH. The infrared receiver pulses typically idles at logic 0 but can be
inverted by software control prior going to the decoder, see MCR[6] and FCTR[2].
RTSA#
33
O
UART channel A Request-to-Send (active low) or general purpose output. This out-
put must be asserted prior to using auto RTS flow control, see EFR[6], MCR[1],
FCTR[1:0], EMSR[5:4] and IER[6]. For auto RS485 half-duplex direction control, see
FCTR[3] and EMSR[3].
CTSA#
38
I
UART channel A Clear-to-Send (active low) or general purpose input. It can be used
for auto CTS flow control, see EFR[7], MSR[4] and IER[7]. This input should be con-
nected to VCC when not used.
DTRA#
34
O
UART channel A Data-Terminal-Ready (active low) or general purpose output.
DSRA#
39
I
UART channel A Data-Set-Ready (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
CDA#
40
I
UART channel A Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
RIA#
41
I
UART channel A Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
OP2A#
32
O
Output Port 2 Channel A - The output state is defined by the user and through the
software setting of MCR[3]. When MCR[3] is set to a logic 1, INTA is set to the level
mode and OP2A# output LOW. When MCR[3] is set to a logic 0, INTA is set to the
three state mode and OP2A# is HIGH. See MCR[3]. This output must not be used as
a general output when the interrupt output is used else it will disturb the INTA output
functionality.
Pin Description
NAME
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16L2751CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751CM EXAR-XR16L2751CM Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L2751CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com