Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M2752IJ44 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16M2752IJ44
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M2752IJ44 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16M2752IJ44 Datasheet HTML 3Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 4Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 5Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 6Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 7Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 8Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 9Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 10Page - Exar Corporation XR16M2752IJ44 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
XR16M2752
7
REV. P1.0.0
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The M2752 data interface supports the Intel compatible types of CPUs and it is compatible
to the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data
bus transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# signals. Both UART channels
share the same data bus for host operations. The data bus interconnections are shown in Figure 3
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 16). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device.
2.3
Device Identification and Revision
The XR16M2752 provides a Device Identification code and a Device Revision code to distinguish the part from
other devices and revisions. To read the identification code from the part, it is required to set the baud rate
generator registers DLL and DLM both to 0x00 (DLD = 0xXX). Now reading the content of the DLM will provide
0x0A for the XR16M2752 and reading the content of DLL will provide the revision of the part; for example, a
reading of 0x01 means revision A.
2.4
Channel A and B Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. A logic 0 on chip select pin (CS#) allows the user to select
the UART and then using the channel select (CHSEL) pin, the user can select channel A or B to configure,
send transmit data and/or unload receive data to/from the UART. Individual channel select functions are shown
in Table 1.
FIGURE 3. XR16L2750 DATA BUS INTERCONNECTIONS
VC C
VC C
(O P 2 A # )
DS RA #
CT S A #
RT S A #
DT RA #
RX A
TX A
RIA #
CDA #
(O P2 B# )
DS RB #
CT S B #
RT S B #
DT RB #
RX B
TX B
RIB #
CD B #
GN D
A0
A1
A2
UA RT _ C S #
UA RT _ CHS E L
IO R #
IO W #
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS #
CHS E L
D0
D1
D2
D3
D4
D5
D6
D7
IO R #
IO W #
UA RT
C h an ne l A
UA RT
C h an ne l B
UA RT _ INT B
UA RT _ INT A
IN T B
IN T A
(R XR D YA# )
TXR D YA#
(R XR D YA# )
T X R D YA#
(R XR D YB# )
TXR D YB#
(R XR D YB# )
T X R D YB#
UA RT _ R E S E T
RE S E T
S e ria l In te rfa c e o f
RS -2 3 2 , RS -4 8 5
S e ria l In te rfa c e o f
RS -2 3 2 , RS -4 8 5
27 50 in t
(B A UDO UT B # )
(B A UDO UT A # )
P ins in p a re nthe s e s be c o m e availa b le th ro u g h th e M F # p in . M F # A /B b e com e s R X R D Y # A /B w h en A F R [2:1] = '1 0 '. M F # A /B be c o m e s O P 2 # A /B
w h en A F R [2:1] = '0 0 '. M F # A /B be c o m e s B A U D O U T # A /B w h en A F R [1:0] = '0 1 '.


Similar Part No. - XR16M2752IJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M2752IJ44 EXAR-XR16M2752IJ44 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M2752IJ44

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com