Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39730-B3863-U210 Datasheet(PDF) 7 Page - EPCOS

Part # B39730-B3863-U210
Description  SAW Components Low-Loss Filter 72,9746 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39730-B3863-U210 Datasheet(HTML) 7 Page - EPCOS

  B39730-B3863-U210 Datasheet HTML 1Page - EPCOS B39730-B3863-U210 Datasheet HTML 2Page - EPCOS B39730-B3863-U210 Datasheet HTML 3Page - EPCOS B39730-B3863-U210 Datasheet HTML 4Page - EPCOS B39730-B3863-U210 Datasheet HTML 5Page - EPCOS B39730-B3863-U210 Datasheet HTML 6Page - EPCOS B39730-B3863-U210 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6
Feb 05, 2003
SAW Components
B3863
72,9746 MHz
Low-Loss Filter
Data Sheet
Published by EPCOS AG
Surface Acoustic Wave Components Division, SAW MC IS
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2003. Reproduction, publication and dissemination of this brochure and the informa-
tion contained therein without EPCOS’ prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers’ Association), unless otherwise agreed.
This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39730-B3863-U210

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39731B3473H910 TDK-B39731B3473H910 Datasheet
116Kb / 9P
   SAW Components SAW band-stop filter
B39731B5178U410 TDK-B39731B5178U410 Datasheet
162Kb / 8P
   SAW Components SAW RF filter for base stations
B39731B5194U410 TDK-B39731B5194U410 Datasheet
180Kb / 8P
   SAW Components SAW RF filter for base stations
B39731B5196U410 TDK-B39731B5196U410 Datasheet
168Kb / 8P
   SAW Components SAW RF filter for base stations
More results

Similar Description - B39730-B3863-U210

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com