Electronic Components Datasheet Search |
|
C0201C183C3RA Datasheet(PDF) 5 Page - Kemet Corporation |
|
C0201C183C3RA Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 8 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 Performance Notes 1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 ±10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13” reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556. Embossed Carrier Tape Configuration: Figure 1 NOTES 1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A 0 , B 0 , and K 0 shall be configured to surround the part with sufficient clearance such that the chip does not pro- trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.) Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions — Millimeters (Inches) Tape Size D 0 EP 0 P 2 T Max T 1 Max 8 mm 1.5 1.75 ±0.10 4.0 ±0.10 2.0 ±0.05 0.600 0.100 and +0.10 -0.0 12 mm (0.059 (0.069 ±0.004) (0.157 ±0.004) (0.079 ±0.002) (0.024) (0.004) +0.004, -0.0) Variable Dimensions — Millimeters (Inches) Tape Size Pitch B 1 Max. D 1 Min. F P 1 R Min. T 2 Max W A 0B0K0 Note 1 Note 2 Note 3 Note 4 8 mm Single 4.4 1.0 3.5 ±0.05 4.0 ±0.10 25.0 2.5 8.0 ±0.30 (4 mm) (0.173) (0.039) (0.138 ±0.002) (0.157 ±0.004) (0.984) (0.098) (.315 ±0.012) 12 mm Double 8.2 1.5 5.5 ±0.05 8.0 ±0.10 30.0 4.6 12.0 ±0.30 (8 mm) (0.323) (0.059) (0.217 ±0.002) (0.315 ±0.004) (1.181) (0.181) (0.472 ±0.012) TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS Packaging Information 94 |
Similar Part No. - C0201C183C3RA |
|
Similar Description - C0201C183C3RA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |