Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4063 Datasheet(PDF) 8 Page - EPCOS

Part # B4063
Description  SAW Components Low-Loss Duplexer for Mobile Communication 926,25 / 903,75 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4063 Datasheet(HTML) 8 Page - EPCOS

  B4063 Datasheet HTML 1Page - EPCOS B4063 Datasheet HTML 2Page - EPCOS B4063 Datasheet HTML 3Page - EPCOS B4063 Datasheet HTML 4Page - EPCOS B4063 Datasheet HTML 5Page - EPCOS B4063 Datasheet HTML 6Page - EPCOS B4063 Datasheet HTML 7Page - EPCOS B4063 Datasheet HTML 8Page - EPCOS B4063 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
25 Sep 2001
SAW Components
B4063
926,25 / 903,75 MHz
Low-Loss Duplexer for Mobile Communication
Data Sheet
Isolation between Tx and Rx
Operating temperature range
T
= –10 to 55 ˚C
Ant term. impedance
ZAnt =50 Ω
Port 1 term. impedance
ZPort 1=50 Ω
Port 2 term. impedance
ZPort 2=50 Ω
Isolation between Tx and Rx :
min.
typ.
max.
Absolute attenuation
α
924,40 ... 928,10 MHz
35
44
dB
902,40 ... 905,10 MHz
30
38
dB


Similar Part No. - B4063

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4060 EPCOS-B4060 Datasheet
56Kb / 6P
   SAW Components Low-Loss Filter for Automotive Telematics 1575,42 MHz
B4060 EPCOS-B4060 Datasheet
45Kb / 6P
   SAW RF filter GPS
logo
TDK Electronics
B40600A5128M001 TDK-B40600A5128M001 Datasheet
92Kb / 1P
   Hybrid Polymer Capacitors
B40600A5128M003 TDK-B40600A5128M003 Datasheet
88Kb / 2P
   Axial Capacitors
June 28, 2022
B40600A5128M011 TDK-B40600A5128M011 Datasheet
92Kb / 1P
   Hybrid Polymer Capacitors
More results

Similar Description - B4063

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7608 EPCOS-B7608 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 926,25 MHz
B4005 EPCOS-B4005 Datasheet
109Kb / 7P
   SAW Components Low-Loss Duplexer for Mobile Communication 959.5 MHz
logo
Siemens Semiconductor G...
B4040 SIEMENS-B4040 Datasheet
96Kb / 7P
   SAW Components Low-Loss Duplexer for Mobile Communication
logo
EPCOS
B4122 EPCOS-B4122 Datasheet
98Kb / 4P
   SAW Components Low Loss Filter for Mobile Communication 836,5 MHz
B4170 EPCOS-B4170 Datasheet
73Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
B4180 EPCOS-B4180 Datasheet
96Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,50 MHz
B4181 EPCOS-B4181 Datasheet
66Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 897,5 MHz
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B4911 EPCOS-B4911 Datasheet
66Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 155,52 MHz
B4944 EPCOS-B4944 Datasheet
96Kb / 4P
   SAW Components Low-Loss Filter for Mobile Communication 181,80 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com