Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4221 Datasheet(PDF) 5 Page - EPCOS

Part # B4221
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4221 Datasheet(HTML) 5 Page - EPCOS

  B4221 Datasheet HTML 1Page - EPCOS B4221 Datasheet HTML 2Page - EPCOS B4221 Datasheet HTML 3Page - EPCOS B4221 Datasheet HTML 4Page - EPCOS B4221 Datasheet HTML 5Page - EPCOS B4221 Datasheet HTML 6Page - EPCOS B4221 Datasheet HTML 7Page - EPCOS B4221 Datasheet HTML 8Page - EPCOS B4221 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
May 16, 2002
SAW Components
B4221
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Preliminary Data
Characteristics Filter 2 ( PCN )
Operating temperature range:
T
= 25
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
...1815,0
MHz
3,0
3,5
dB
1815,0
...1870,0
MHz
2,5
3,3
dB
1870,0
...1880,0
MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
1,5
1,9
dB
Input VSWR
1805,0
...1880,0
MHz
1,8
2,1
Output VSWR
1805,0
...1880,0
MHz
1,8
2,1
Attenuation
α
min
0,0
...1480,0
MHz
37
40
dB
1480,0
...1710,0
MHz
25
35
dB
1710,0
...1765,0
MHz
16
24
dB
1765,0
...1785,0
MHz
11
19
dB
1907,0
...1914,0
MHz
11
22
dB
1914,0
...1980,0
MHz
16
23
dB
1980,0
...3000,0
MHz
22
26
dB
3000,0
...3400,0
MHz
20
29
dB
3400,0
...4000,0
MHz
18
24
dB
4000,0
...5000,0
MHz
12
19
dB
5000,0
...6000,0
MHz
8
12
dB
Input reflection coefficient @ 947,5 MHz
Phase
-150
-140
-130
˚


Similar Part No. - B4221

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4220-E OMRON-B4220-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
More results

Similar Description - B4221

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com