Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4223 Datasheet(PDF) 7 Page - EPCOS

Part # B4223
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4223 Datasheet(HTML) 7 Page - EPCOS

Back Button B4223 Datasheet HTML 3Page - EPCOS B4223 Datasheet HTML 4Page - EPCOS B4223 Datasheet HTML 5Page - EPCOS B4223 Datasheet HTML 6Page - EPCOS B4223 Datasheet HTML 7Page - EPCOS B4223 Datasheet HTML 8Page - EPCOS B4223 Datasheet HTML 9Page - EPCOS B4223 Datasheet HTML 10Page - EPCOS B4223 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Jun 25, 2003
SAW Components
B4223
881,5 / 1960 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 (GSM 1900)
Operating temperature range
T
=25
± 2 ˚C
Terminating source impedance
ZS
=50
Terminating load impedance
ZL
=50
min.
typ.
max.
Center frequency
fc
1960
MHz
Maximum insertion attenuation
α
max
1930 ... 1990 MHz
2,5
2,8
dB
Amplitude ripple (p-p)
∆α
1930 ... 1990 MHz
1,1
1,4
dB
Input return loss
1930 ... 1990 MHz
9,0
10,5
dB
Output return loss
1930 ... 1990 MHz
9,5
10,5
dB
Attenuation
α
0 ... 1830 MHz
28
30
dB
1830 ... 1900 MHz (Tx)
13
15
dB
1900 ... 1910 MHz (Tx)
11
14
dB
2010 ... 2020 MHz
12
17
dB
2020 ... 2070 MHz
13
15
dB
2070 ... 2095 MHz
18
20
dB
2095 ... 2500 MHz
23
26
dB
2500 ... 4000 MHz
18
25
dB
4000 ... 5500 MHz
13
21
dB
5500 ... 6000 MHz
8
18
dB


Similar Part No. - B4223

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4220-E OMRON-B4220-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4224 EPCOS-B4224 Datasheet
116Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4228 EPCOS-B4228 Datasheet
137Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
More results

Similar Description - B4223

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
B7653 EPCOS-B7653 Datasheet
84Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4226 EPCOS-B4226 Datasheet
138Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B9309 EPCOS-B9309 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B9200 EPCOS-B9200 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960,0 MHz
B4219 EPCOS-B4219 Datasheet
136Kb / 12P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 & 1960,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com