Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4230 Datasheet(PDF) 3 Page - EPCOS

Part # B4230
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4230 Datasheet(HTML) 3 Page - EPCOS

  B4230 Datasheet HTML 1Page - EPCOS B4230 Datasheet HTML 2Page - EPCOS B4230 Datasheet HTML 3Page - EPCOS B4230 Datasheet HTML 4Page - EPCOS B4230 Datasheet HTML 5Page - EPCOS B4230 Datasheet HTML 6Page - EPCOS B4230 Datasheet HTML 7Page - EPCOS B4230 Datasheet HTML 8Page - EPCOS B4230 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Jul 10, 2002
SAW Components
B4230
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 1 ( EGSM )
Operating temperature range:
T
= 25
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
942,50
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
2,8
3,2
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
1,7
1,9
dB
Input VSWR
925,0
... 960,0
MHz
1,9
2,2
Output VSWR
925,0
... 960,0
MHz
1,9
2,2
Attenuation
α
min
0,0
... 800,0
MHz
18
21
dB
800,0
... 880,0
MHz
20
23
dB
880,0
... 905,0
MHz
25
31
dB
905,0
... 915,0
MHz
15
23
dB
980,0
...1005,0
MHz
23
28
dB
1005,0
...2000,0
MHz
20
25
dB
2000,0
...3000,0
MHz
15
19
dB
3000,0
...6000,0
MHz
10
15
dB
Input reflection coefficient @ 1842,5 MHz
Phase
-160
-150
-140
˚


Similar Part No. - B4230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4232 EPCOS-B4232 Datasheet
138Kb / 9P
   SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
B4233 EPCOS-B4233 Datasheet
102Kb / 11P
   SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
   Automotive telematics
More results

Similar Description - B4230

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4235 EPCOS-B4235 Datasheet
177Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
B4221 EPCOS-B4221 Datasheet
104Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9307 EPCOS-B9307 Datasheet
91Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B7652 EPCOS-B7652 Datasheet
88Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9201 EPCOS-B9201 Datasheet
89Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B9300 EPCOS-B9300 Datasheet
89Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1842,5 & 1960,0 MHz
B9302 EPCOS-B9302 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B9301 EPCOS-B9301 Datasheet
87Kb / 7P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 942,5 MHz
B4124 EPCOS-B4124 Datasheet
100Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7744 EPCOS-B7744 Datasheet
57Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com